Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX1663 Datasheet(PDF) 94 Page - Renesas Technology Corp

Part # H8SX1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX1663 Datasheet(HTML) 94 Page - Renesas Technology Corp

Back Button H8SX1663 Datasheet HTML 90Page - Renesas Technology Corp H8SX1663 Datasheet HTML 91Page - Renesas Technology Corp H8SX1663 Datasheet HTML 92Page - Renesas Technology Corp H8SX1663 Datasheet HTML 93Page - Renesas Technology Corp H8SX1663 Datasheet HTML 94Page - Renesas Technology Corp H8SX1663 Datasheet HTML 95Page - Renesas Technology Corp H8SX1663 Datasheet HTML 96Page - Renesas Technology Corp H8SX1663 Datasheet HTML 97Page - Renesas Technology Corp H8SX1663 Datasheet HTML 98Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 1158 page
background image
Section 2 CPU
Rev.1.00 Jun. 07, 2006 Page 42 of 1102
REJ09B0294-0100
Addressing Mode
Classifi-
cation
Instruction
Size
#xx
Rn
@ERn @(d,ERn)
@(d,
RnL.B/
Rn.W/
ERn.L)
@
−ERn/
@ERn
+/
@ERn
−/
@
+ERn @aa:8
@aa:16/
@aa:32
BFLD
B
D
S
S
S
Bit
manipu-
lation
BFST
B
S
D
D
D
Branch
BRA/BS, BRA/BC*
8
B
S
S
S
BSR/BS, BSR/BC*
8
B
S
S
S
LDC
(CCR, EXR)
B/W*
9
S
S
S
S
S*
10
S
LDC
(VBR, SBR)
L
S
STC
(CCR, EXR)
B/W*
9
D
D
D
D*
11
D
System
control
STC
(VBR, SBR)
L
D
ANDC, ORC,
XORC
B
S
SLEEP
O
NOP
O
[Legend]
d:
d:16 or d:32
S:
Can be specified as a source operand.
D:
Can be specified as a destination operand.
SD:
Can be specified as either a source or destination operand or both.
S/D:
Can be specified as either a source or destination operand.
S:4:
4-bit immediate data can be specified as a source operand.
Notes: 1. Only @aa:16 is available.
2. @ERn
+ as a source operand and @−ERn as a destination operand
3. Specified by ER5 as a source address and ER6 as a destination address for data
transfer.
4. Size of data to be added with a displacement
5. Only @ERn
− is available
6. When the number of bits to be shifted is 1, 2, 4, 8, or 16
7. When the number of bits to be shifted is specified by 5-bit immediate data or a general
register
8. Size of data to specify a branch condition
9. Byte when immediate or register direct, otherwise, word
10. Only @ERn
+ is available
11. Only @
−ERn is available
12. Not available in this LSI.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com