Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX1663 Datasheet(PDF) 378 Page - Renesas Technology Corp

Part # H8SX1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX1663 Datasheet(HTML) 378 Page - Renesas Technology Corp

Back Button H8SX1663 Datasheet HTML 374Page - Renesas Technology Corp H8SX1663 Datasheet HTML 375Page - Renesas Technology Corp H8SX1663 Datasheet HTML 376Page - Renesas Technology Corp H8SX1663 Datasheet HTML 377Page - Renesas Technology Corp H8SX1663 Datasheet HTML 378Page - Renesas Technology Corp H8SX1663 Datasheet HTML 379Page - Renesas Technology Corp H8SX1663 Datasheet HTML 380Page - Renesas Technology Corp H8SX1663 Datasheet HTML 381Page - Renesas Technology Corp H8SX1663 Datasheet HTML 382Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 378 / 1158 page
background image
Section 7 DMA Controller (DMAC)
Rev.1.00 Jun. 07, 2006 Page 326 of 1102
REJ09B0294-0100
7.3.5
DMA Block Size Register (DBSR)
DBSR specifies the repeat size or block size. DBSR is enabled in repeat transfer mode and block
transfer mode and is disabled in normal transfer mode.
31
BKSZH31
0
R/W
30
BKSZH30
0
R/W
29
BKSZH29
0
R/W
28
BKSZH28
0
R/W
27
BKSZH27
0
R/W
24
BKSZH24
0
R/W
26
BKSZH26
0
R/W
25
BKSZH25
0
R/W
Bit
Bit Name
Initial Value
R/W
23
BKSZH23
0
R/W
22
BKSZH22
0
R/W
21
BKSZH21
0
R/W
20
BKSZH20
0
R/W
19
BKSZH19
0
R/W
16
BKSZH16
0
R/W
18
BKSZH18
0
R/W
17
BKSZH17
0
R/W
Bit
Bit Name
Initial Value
R/W
15
BKSZ15
0
R/W
14
BKSZ14
0
R/W
13
BKSZ13
0
R/W
12
BKSZ12
0
R/W
11
BKSZ11
0
R/W
8
BKSZ8
0
R/W
10
BKSZ10
0
R/W
9
BKSZ9
0
R/W
Bit
Bit Name
Initial Value
R/W
7
BKSZ7
0
R/W
6
BKSZ6
0
R/W
5
BKSZ5
0
R/W
4
BKSZ4
0
R/W
3
BKSZ3
0
R/W
0
BKSZ0
0
R/W
2
BKSZ2
0
R/W
1
BKSZ1
0
R/W
Bit
Bit Name
Initial Value
R/W
Bit
Bit Name
Initial
Value
R/W
Description
31 to 16 BKSZH31 to
BKSZH16
Undefined
R/W
Specify the repeat size or block size.
When H'0001 is set, the repeat or block size is one byte,
one word, or one longword. When H'0000 is set, it
means the maximum value (refer to table 7.1). While the
DMA is in operation, the setting is fixed.
15 to 0
BKSZ15 to
BKSZ0
Undefined
R/W
Indicate the remaining repeat or block size while the
DMA is in operation. The value is decremented by 1
every time data is transferred. When the remaining size
becomes 0, the value of the BKSZH bits is loaded. Set
the same value as the BKSZH bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com