Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX1663 Datasheet(PDF) 389 Page - Renesas Technology Corp

Part # H8SX1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX1663 Datasheet(HTML) 389 Page - Renesas Technology Corp

Back Button H8SX1663 Datasheet HTML 385Page - Renesas Technology Corp H8SX1663 Datasheet HTML 386Page - Renesas Technology Corp H8SX1663 Datasheet HTML 387Page - Renesas Technology Corp H8SX1663 Datasheet HTML 388Page - Renesas Technology Corp H8SX1663 Datasheet HTML 389Page - Renesas Technology Corp H8SX1663 Datasheet HTML 390Page - Renesas Technology Corp H8SX1663 Datasheet HTML 391Page - Renesas Technology Corp H8SX1663 Datasheet HTML 392Page - Renesas Technology Corp H8SX1663 Datasheet HTML 393Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 389 / 1158 page
background image
Section 7 DMA Controller (DMAC)
Rev.1.00 Jun. 07, 2006 Page 337 of 1102
REJ09B0294-0100
Bit
Bit Name
Initial
Value
R/W
Description
26
RPTIE
0
R/W
Repeat Size End Interrupt Enable
Enables/disables a repeat size end interrupt request.
In repeat transfer mode, when the next transfer is
requested after completion of a 1-repeat-size data
transfer while this bit is set to 1, the DTE bit in DMDR is
cleared to 0. At this time, the ESIF bit in DMDR is set to
1 to indicate that a repeat size end interrupt is
requested. Even when the repeat area is not specified
(ARS1 = 1 and ARS0 = 0), a repeat size end interrupt
after a 1-block data transfer can be requested.
In addition, in block transfer mode, when the next
transfer is requested after 1-block data transfer while
this bit is set to 1, the DTE bit in DMDR is cleared to 0.
At this time, the ESIF bit in DMDR is set to 1 to indicate
that a repeat size end interrupt is requested.
0: Disables a repeat size end interrupt
1: Enables a repeat size end interrupt
25
24
ARS1
ARS0
0
0
R/W
R/W
Area Select 1 and 0
Specify the block area or repeat area in block or repeat
transfer mode.
00: Specify the block area or repeat area on the source
address
01: Specify the block area or repeat area on the
destination address
10: Do not specify the block area or repeat area
11: Setting prohibited
23, 22
All 0
R
Reserved
These bits are always read as 0 and cannot be
modified.
21
20
SAT1
SAT0
0
0
R/W
R/W
Source Address Update Mode 1 and 0
Select the update method of the source address
(DSAR). When DSAR is not specified as the transfer
source in single address mode, this bit is ignored.
00: Source address is fixed
01: Source address is updated by adding the offset
10: Source address is updated by adding 1, 2, or 4
according to the data access size
11: Source address is updated by subtracting 1, 2, or 4
according to the data access size



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com