Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX1663 Datasheet(PDF) 395 Page - Renesas Technology Corp

Part # H8SX1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX1663 Datasheet(HTML) 395 Page - Renesas Technology Corp

Back Button H8SX1663 Datasheet HTML 391Page - Renesas Technology Corp H8SX1663 Datasheet HTML 392Page - Renesas Technology Corp H8SX1663 Datasheet HTML 393Page - Renesas Technology Corp H8SX1663 Datasheet HTML 394Page - Renesas Technology Corp H8SX1663 Datasheet HTML 395Page - Renesas Technology Corp H8SX1663 Datasheet HTML 396Page - Renesas Technology Corp H8SX1663 Datasheet HTML 397Page - Renesas Technology Corp H8SX1663 Datasheet HTML 398Page - Renesas Technology Corp H8SX1663 Datasheet HTML 399Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 395 / 1158 page
background image
Section 7 DMA Controller (DMAC)
Rev.1.00 Jun. 07, 2006 Page 343 of 1102
REJ09B0294-0100
When the auto request setting is selected as the activation source, the cycle stealing or burst access
can be selected. When the total transfer size is not specified (DTCR = H'00000000), the transfer
counter is stopped and the transfer is continued without the limitation of the transfer count.
7.5
Operations
7.5.1
Address Modes
(1) Dual Address Mode
In dual address mode, the transfer source address is specified in DSAR and the transfer destination
address is specified in DDAR. A transfer at a time is performed in two bus cycles (when the data
bus width is less than the data access size or the access address is not aligned with the boundary of
the data access size, the number of bus cycles are needed more than two because one bus cycle is
divided into multiple bus cycles).
In the first bus cycle, data at the transfer source address is read and in the next cycle, the read data
is written to the transfer destination address.
The read and write cycles are not separated. Other bus cycles (bus cycle by other bus masters,
refresh cycle, and external bus release cycle) are not generated between read and write cycles.
The
TEND signal output is enabled or disabled by the TENDE bit in DMDR. The TEND signal is
output in two bus cycles. When an idle cycle is inserted before the bus cycle, the
TEND signal is
also output in the idle cycle. The
DACK signal is not output.
Figure 7.2 shows an example of the signal timing in dual address mode and figure 7.3 shows the
operation in dual address mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com