Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX1663 Datasheet(PDF) 406 Page - Renesas Technology Corp

Part # H8SX1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX1663 Datasheet(HTML) 406 Page - Renesas Technology Corp

Back Button H8SX1663 Datasheet HTML 402Page - Renesas Technology Corp H8SX1663 Datasheet HTML 403Page - Renesas Technology Corp H8SX1663 Datasheet HTML 404Page - Renesas Technology Corp H8SX1663 Datasheet HTML 405Page - Renesas Technology Corp H8SX1663 Datasheet HTML 406Page - Renesas Technology Corp H8SX1663 Datasheet HTML 407Page - Renesas Technology Corp H8SX1663 Datasheet HTML 408Page - Renesas Technology Corp H8SX1663 Datasheet HTML 409Page - Renesas Technology Corp H8SX1663 Datasheet HTML 410Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 406 / 1158 page
background image
Section 7 DMA Controller (DMAC)
Rev.1.00 Jun. 07, 2006 Page 354 of 1102
REJ09B0294-0100
(3) Activation by External Request
A transfer is started by a transfer request signal (
DREQ) from an external device. When a DMA
transfer is enabled (DTE = 1), the DMA transfer is started by the
DREQ assertion. When a DMA
transfer between on-chip peripheral modules is performed, select an activation source from the
auto request and on-chip module interrupt (the external request cannot be used).
A transfer request signal is input to the
DREQ pin. The DREQ signal is detected on the falling
edge or low level. Whether the falling edge or low level detection is used is selected by the
DREQS bit in DMDR. To perform a block transfer, select the low level detection (DREQS = 0).
When an external request is selected as an activation source, clear the DDR bit to 0 and set the
ICR bit to 1 for the corresponding pin. For details, see section 9, I/O Ports.
7.5.4
Bus Access Modes
There are two types of bus access modes: cycle stealing and burst.
When an activation source is the auto request, the cycle stealing or burst mode is selected by bit
DTF0 in DMDR. When an activation source is the on-chip module interrupt or external request,
the cycle stealing mode is selected.
(1) Cycle Stealing Mode
In cycle stealing mode, the DMAC releases the bus every time one unit of transfers (byte, word,
longword, or 1-block size) is completed. After that, when a transfer is requested, the DMAC
obtains the bus to transfer 1-unit data and then releases the bus on completion of the transfer. This
operation is continued until the transfer end condition is satisfied.
When a transfer is requested to another channel during a DMA transfer, the DMAC releases the
bus and then transfers data for the requested channel. For details on operations when a transfer is
requested to multiple channels, see section 7.5.8, Priority of Channels.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com