Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX1663 Datasheet(PDF) 419 Page - Renesas Technology Corp

Part # H8SX1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX1663 Datasheet(HTML) 419 Page - Renesas Technology Corp

Back Button H8SX1663 Datasheet HTML 415Page - Renesas Technology Corp H8SX1663 Datasheet HTML 416Page - Renesas Technology Corp H8SX1663 Datasheet HTML 417Page - Renesas Technology Corp H8SX1663 Datasheet HTML 418Page - Renesas Technology Corp H8SX1663 Datasheet HTML 419Page - Renesas Technology Corp H8SX1663 Datasheet HTML 420Page - Renesas Technology Corp H8SX1663 Datasheet HTML 421Page - Renesas Technology Corp H8SX1663 Datasheet HTML 422Page - Renesas Technology Corp H8SX1663 Datasheet HTML 423Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 419 / 1158 page
background image
Section 7 DMA Controller (DMAC)
Rev.1.00 Jun. 07, 2006 Page 367 of 1102
REJ09B0294-0100
(6) ACT Bit in DMDR
The ACT bit in DMDR indicates whether the DMAC is in the idle or active state. When DTE = 0
or DTE = 1 and the DMAC is waiting for a transfer request, the ACT bit is 0. Otherwise (the
DMAC is in the active state), the ACT bit is 1. When individual transfers are stopped by writing 0
and the transfer is not completed, the ACT bit retains 1.
In block transfer mode, even if individual transfers are stopped by writing 0 to the DTE bit, the 1-
block size of transfers is not stopped. The ACT bit retains 1 from writing 0 to the DTE bit to
completion of a 1-block size transfer.
In burst mode, up to three times of DMA transfer are performed from the cycle in which the DTE
bit is written to 0. The ACT bit retains 1 from writing 0 to the DTE bit to completion of DMA
transfer.
(7) ERRF Bit in DMDR
When an address error or an NMI interrupt occur, the DMAC clears the DTE bits for all the
channels to stop a transfer. In addition, it sets the ERRF bit in DMDR_0 to 1 to indicate that an
address error or an NMI interrupt has occurred regardless of whether or not the DMAC is in
operation.
(8) ESIF Bit in DMDR
When an interrupt by an transfer size error, a repeat size end, or an extended repeat area overflow
is requested, the ESIF bit in DMDR is set to 1. When both the ESIF and ESIE bits are set to 1, a
transfer escape interrupt is requested to the CPU or DTC.
The ESIF bit is set to 1 when the ACT bit in DMDR is cleared to 0 to stop a transfer after the bus
cycle of the interrupt source is completed.
The ESIF bit is automatically cleared to 0 and a transfer request is cleared if the transfer is
resumed by setting the DTE bit to 1 during interrupt handling.
For details on interrupts, see section 7.8, Interrupt Sources.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com