Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX1663 Datasheet(PDF) 433 Page - Renesas Technology Corp

Part # H8SX1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX1663 Datasheet(HTML) 433 Page - Renesas Technology Corp

Back Button H8SX1663 Datasheet HTML 429Page - Renesas Technology Corp H8SX1663 Datasheet HTML 430Page - Renesas Technology Corp H8SX1663 Datasheet HTML 431Page - Renesas Technology Corp H8SX1663 Datasheet HTML 432Page - Renesas Technology Corp H8SX1663 Datasheet HTML 433Page - Renesas Technology Corp H8SX1663 Datasheet HTML 434Page - Renesas Technology Corp H8SX1663 Datasheet HTML 435Page - Renesas Technology Corp H8SX1663 Datasheet HTML 436Page - Renesas Technology Corp H8SX1663 Datasheet HTML 437Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 433 / 1158 page
background image
Section 7 DMA Controller (DMAC)
Rev.1.00 Jun. 07, 2006 Page 381 of 1102
REJ09B0294-0100
(2) Single Address Mode (Write and Cycle Stealing)
In single address mode, data of one byte, one word, or one longword is transferred at a single
transfer request and after the transfer the bus is released temporarily. One bus cycle or more by the
CPU or DTC are executed in the bus released cycles.
In figure 7.35, the
TEND signal output is enabled and data is transferred in bytes from the external
8-bit 2-state access space to the external device in single address mode (write).
Bus
released
Bus
released
DMA write
cycle
B
φ
Address bus
Bus
released
Bus
released
Last transfer
cycle
TEND
DACK
DMA write
cycle
DMA write
cycle
DMA write
cycle
LLWR
Bus
released
Figure 7.35 Example of Transfer in Single Address Mode (Byte Write)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com