Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX1663 Datasheet(PDF) 450 Page - Renesas Technology Corp

Part # H8SX1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX1663 Datasheet(HTML) 450 Page - Renesas Technology Corp

Back Button H8SX1663 Datasheet HTML 446Page - Renesas Technology Corp H8SX1663 Datasheet HTML 447Page - Renesas Technology Corp H8SX1663 Datasheet HTML 448Page - Renesas Technology Corp H8SX1663 Datasheet HTML 449Page - Renesas Technology Corp H8SX1663 Datasheet HTML 450Page - Renesas Technology Corp H8SX1663 Datasheet HTML 451Page - Renesas Technology Corp H8SX1663 Datasheet HTML 452Page - Renesas Technology Corp H8SX1663 Datasheet HTML 453Page - Renesas Technology Corp H8SX1663 Datasheet HTML 454Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 450 / 1158 page
background image
Section 8 Data Transfer Controller (DTC)
Rev.1.00 Jun. 07, 2006 Page 398 of 1102
REJ09B0294-0100
8.2.1
DTC Mode Register A (MRA)
MRA selects DTC operating mode. MRA cannot be accessed directly by the CPU.
Bit
Bit Name
Initial Value
R/W
7
MD1
Undefined
6
MD0
Undefined
5
Sz1
Undefined
4
Sz0
Undefined
3
SM1
Undefined
2
SM0
Undefined
1
Undefined
0
Undefined
Bit
Bit Name
Initial
Value
R/W
Description
7
6
MD1
MD0
Undefined
Undefined
DTC Mode 1 and 0
Specify DTC transfer mode.
00: Normal mode
01: Repeat mode
10: Block transfer mode
11: Setting prohibited
5
4
Sz1
Sz0
Undefined
Undefined
DTC Data Transfer Size 1 and 0
Specify the size of data to be transferred.
00: Byte-size transfer
01: Word-size transfer
10: Longword-size transfer
11: Setting prohibited
3
2
SM1
SM0
Undefined
Undefined
Source Address Mode 1 and 0
Specify an SAR operation after a data transfer.
0x: SAR is fixed
(SAR writeback is skipped)
10: SAR is incremented after a transfer
(by 1 when Sz1 and Sz0 = B'00; by 2 when Sz1 and
Sz0 = B'01; by 4 when Sz1 and Sz0 = B'10)
11: SAR is decremented after a transfer
(by 1 when Sz1 and Sz0 = B'00; by 2 when Sz1 and
Sz0 = B'01; by 4 when Sz1 and Sz0 = B'10)
1, 0
Undefined
Reserved
The write value should always be 0.
[Legend]
X: Don't care



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com