Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX1663 Datasheet(PDF) 463 Page - Renesas Technology Corp

Part # H8SX1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX1663 Datasheet(HTML) 463 Page - Renesas Technology Corp

Back Button H8SX1663 Datasheet HTML 459Page - Renesas Technology Corp H8SX1663 Datasheet HTML 460Page - Renesas Technology Corp H8SX1663 Datasheet HTML 461Page - Renesas Technology Corp H8SX1663 Datasheet HTML 462Page - Renesas Technology Corp H8SX1663 Datasheet HTML 463Page - Renesas Technology Corp H8SX1663 Datasheet HTML 464Page - Renesas Technology Corp H8SX1663 Datasheet HTML 465Page - Renesas Technology Corp H8SX1663 Datasheet HTML 466Page - Renesas Technology Corp H8SX1663 Datasheet HTML 467Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 463 / 1158 page
background image
Section 8 Data Transfer Controller (DTC)
Rev.1.00 Jun. 07, 2006 Page 411 of 1102
REJ09B0294-0100
Table 8.3
Chain Transfer Conditions
1st Transfer
2nd Transfer
CHNE CHNS DISEL
Transfer
Counter*
1
CHNE CHNS DISEL
Transfer
Counter*
1
DTC Transfer
0
0
Not 0
Ends at 1st transfer
0
0
0*
2
Ends at 1st transfer
0
1
Interrupt request to CPU
0
0
Not 0
Ends at 2nd transfer
0
0
0*
2
Ends at 2nd transfer
1
0
0
1
Interrupt request to CPU
1
1
0
Not 0
Ends at 1st transfer
0
0
Not 0
Ends at 2nd transfer
0
0
0*
2
Ends at 2nd transfer
1
1
0*
2
0
1
Interrupt request to CPU
1
1
1
Not 0
Ends at 1st transfer
Interrupt request to CPU
Notes: 1. CRA in normal mode transfer, CRAL in repeat transfer mode, or CRB in block transfer
mode
2. When the contents of the CRAH is written to the CRAL in repeat transfer mode
8.5.1
Bus Cycle Division
When the transfer data size is word and the SAR and DAR values are not a multiple of 2, the bus
cycle is divided and the transfer data is read from or written to in bytes. Similarly, when the
transfer data size is longword and the SAR and DAR values are not a multiple of 4, the bus cycle
is divided and the transfer data is read from or written to in words.
Table 8.4 shows the relationship among, SAR, DAR, transfer data size, bus cycle divisions, and
access data size. Figure 8.5 shows the bus cycle division example.
Table 8.4
Number of Bus Cycle Divisions and Access Size
Specified Data Size
SAR and DAR Values
Byte (B)
Word (W)
Longword (LW)
Address 4n
1 (B)
1 (W)
1 (LW)
Address 2n + 1
1 (B)
2 (B-B)
3 (B-W-B)
Address 4n + 2
1 (B)
1 (W)
2 (W-W)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com