Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX1663 Datasheet(PDF) 484 Page - Renesas Technology Corp

Part # H8SX1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX1663 Datasheet(HTML) 484 Page - Renesas Technology Corp

Back Button H8SX1663 Datasheet HTML 480Page - Renesas Technology Corp H8SX1663 Datasheet HTML 481Page - Renesas Technology Corp H8SX1663 Datasheet HTML 482Page - Renesas Technology Corp H8SX1663 Datasheet HTML 483Page - Renesas Technology Corp H8SX1663 Datasheet HTML 484Page - Renesas Technology Corp H8SX1663 Datasheet HTML 485Page - Renesas Technology Corp H8SX1663 Datasheet HTML 486Page - Renesas Technology Corp H8SX1663 Datasheet HTML 487Page - Renesas Technology Corp H8SX1663 Datasheet HTML 488Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 484 / 1158 page
background image
Section 9 I/O Ports
Rev.1.00 Jun. 07, 2006 Page 432 of 1102
REJ09B0294-0100
Function
Port
Description
Bit
I/O
Input
Output
Schmitt-
Trigger
Input*
1
Input
Pull-up
MOS
Function
Open-
Drain
Output
Function
7
Port 6
6
5
P65
TCK
TMO3/
DACK3
4
P64
TMCI3/TDI
TEND3
TMCI3
General I/O port
also functioning
as SCI inputs,
DMAC I/Os,
H-UDI inputs, and
interrupt inputs
3
P63
TMRI3/
DREQ3/
IRQ11-B/
TMS
TMRI3,
IRQ11-B
2
P62/SCK4
IRQ10-B/
TRST
TMO2/
DACK2
IRQ10-B
1
P61
TMCI2/
RxD4/
IRQ9-B
TEND2
TMCI2,
IRQ9-B
0
P60
TMRI2/
DREQ2/
IRQ8-B
TxD4
TMRI2,
IRQ8-B
7
PA7
B
φ
Port A
6
PA6
AS/AH/
BS-B
5
PA5
RD
General I/O port
also functioning
as system clock
output and bus
control I/Os
4
PA4
LHWR/LUB
3
PA3
LLWR/LLB
2
PA2
BREQ/
WAIT
1
PA1
BACK/
(RD/
WR)
0
PA0
BREQO/
BS-A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com