Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX1663 Datasheet(PDF) 489 Page - Renesas Technology Corp

Part # H8SX1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX1663 Datasheet(HTML) 489 Page - Renesas Technology Corp

Back Button H8SX1663 Datasheet HTML 485Page - Renesas Technology Corp H8SX1663 Datasheet HTML 486Page - Renesas Technology Corp H8SX1663 Datasheet HTML 487Page - Renesas Technology Corp H8SX1663 Datasheet HTML 488Page - Renesas Technology Corp H8SX1663 Datasheet HTML 489Page - Renesas Technology Corp H8SX1663 Datasheet HTML 490Page - Renesas Technology Corp H8SX1663 Datasheet HTML 491Page - Renesas Technology Corp H8SX1663 Datasheet HTML 492Page - Renesas Technology Corp H8SX1663 Datasheet HTML 493Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 489 / 1158 page
background image
Section 9 I/O Ports
Rev.1.00 Jun. 07, 2006 Page 437 of 1102
REJ09B0294-0100
9.1.1
Data Direction Register (PnDDR) (n = 1, 2, 3, 6, A to F, H, I, and M)
DDR is an 8-bit write-only register that specifies the port input or output for each bit. A read from
the DDR is invalid and DDR is always read as an undefined value.
When the general I/O port function is selected, the corresponding pin functions as an output port
by setting the corresponding DDR bit to 1; the corresponding pin functions as an input port by
clearing the corresponding DDR bit to 0.
The initial DDR values are shown in table 9.3.
Bit
Bit Name
Initial Value
R/W
Note:
The lower six bits are valid and the upper two bits are reserved for port 6 registers.
The lower five bits are valid and the upper three bits are reserved for port M registers.
Bits 2 and 3 are valid and the other bits are reserved for port C registers.
7
Pn7DDR
0
W
6
Pn6DDR
0
W
5
Pn5DDR
0
W
4
Pn4DDR
0
W
3
Pn3DDR
0
W
2
Pn2DDR
0
W
1
Pn1DDR
0
W
0
Pn0DDR
0
W
Table 9.3
Startup Mode and Initial Value
Startup Mode
Port
External Extended Mode
Single-Chip Mode
Port A
H'80
H'00
Other ports
H'00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com