Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX1663 Datasheet(PDF) 537 Page - Renesas Technology Corp

Part # H8SX1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX1663 Datasheet(HTML) 537 Page - Renesas Technology Corp

Back Button H8SX1663 Datasheet HTML 533Page - Renesas Technology Corp H8SX1663 Datasheet HTML 534Page - Renesas Technology Corp H8SX1663 Datasheet HTML 535Page - Renesas Technology Corp H8SX1663 Datasheet HTML 536Page - Renesas Technology Corp H8SX1663 Datasheet HTML 537Page - Renesas Technology Corp H8SX1663 Datasheet HTML 538Page - Renesas Technology Corp H8SX1663 Datasheet HTML 539Page - Renesas Technology Corp H8SX1663 Datasheet HTML 540Page - Renesas Technology Corp H8SX1663 Datasheet HTML 541Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 537 / 1158 page
background image
Section 9 I/O Ports
Rev.1.00 Jun. 07, 2006 Page 485 of 1102
REJ09B0294-0100
Bit
Bit Name
Initial
Value
R/W
Description
1
0
CS4SA*
CS4SB*
0
0
R/W
R/W
CS4 Output Pin Select
Selects the output pin for
CS4 when CS4 output is
enabled (CS4E = 1)
00: Specifies pin PB1 as
CS4-A output
01: Specifies pin PB0 as
CS4-B output
10: Setting prohibited
11: Setting prohibited
Note:
*
If multiple
CS outputs are specified to a single pin according to the CSn output pin
select bits (n = 4 to 7), multiple
CS signals are output from the pin. For details, see
section 6.5.3, Chip Select Signals.
9.3.3
Port Function Control Register 2 (PFCR2)
PFCR2 selects the
CS output pin, enables/disables bus control I/O, and selects the bus control I/O
pins.
Bit
Bit Name
Initial Value
R/W
7
0
R
6
CS2S
0
R/W
5
BSS
0
R/W
4
BSE
0
R/W
3
RDWRS
0
R/W
2
RDWRE
0
R/W
1
ASOE
1
R/W
0
0
R
Bit
Bit Name
Initial
Value
R/W
Description
7
0
R
Reserved
This bit is always read as 0. The write value should
always be 0.
6
CS2S*
1
0
R/W
CS2 Output Pin Select
Selects the output pin for
CS2 when CS2 output is
enabled (CS2E = 1)
0: Specifies pin PB2 as
CS2-A output pin
1: Specifies pin PB1 as
CS2-B output pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com