Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX1663 Datasheet(PDF) 548 Page - Renesas Technology Corp

Part # H8SX1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX1663 Datasheet(HTML) 548 Page - Renesas Technology Corp

Back Button H8SX1663 Datasheet HTML 544Page - Renesas Technology Corp H8SX1663 Datasheet HTML 545Page - Renesas Technology Corp H8SX1663 Datasheet HTML 546Page - Renesas Technology Corp H8SX1663 Datasheet HTML 547Page - Renesas Technology Corp H8SX1663 Datasheet HTML 548Page - Renesas Technology Corp H8SX1663 Datasheet HTML 549Page - Renesas Technology Corp H8SX1663 Datasheet HTML 550Page - Renesas Technology Corp H8SX1663 Datasheet HTML 551Page - Renesas Technology Corp H8SX1663 Datasheet HTML 552Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 548 / 1158 page
background image
Section 9 I/O Ports
Rev.1.00 Jun. 07, 2006 Page 496 of 1102
REJ09B0294-0100
9.4
Usage Notes
9.4.1
Notes on Input Buffer Control Register (ICR) Setting
1. When the ICR setting is changed, the LSI may malfunction due to an edge occurred internally
according to the pin state. Before changing the ICR setting, fix the pin state high or disable the
input function corresponding to the pin by the on-chip peripheral module settings.
2. If an input is enabled by setting ICR while multiple input functions are assigned to the pin, the
pin state is reflected in all the inputs. Care must be taken for each module settings for unused
input functions.
3. When a pin is used as an output, data to be output from the pin will be latched as the pin state
if the input function corresponding to the pin is enabled. To use the pin as an output, disable
the input function for the pin by setting ICR.
9.4.2
Notes on Port Function Control Register (PFCR) Settings
1. Port function controller controls the I/O port.
Before enabling a port function, select the input/output destination.
2. When changing input pins, this LSI may malfunction due to the internal edge generated by the
pin level difference before and after the change.
• To change input pins, the following procedure must be performed.
A. Disable the input function by the corresponding on-chip peripheral module settings
B. Select another input pin by PFCR
C. Enable its input function by the corresponding on-chip peripheral module settings
3. If a pin function has both a select bit that modifies the input/output destination and an enable
bit that enables the pin function, first specify the input/output destination by the selection bit
and then enable the pin function by the enable bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com