Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX1663 Datasheet(PDF) 562 Page - Renesas Technology Corp

Part # H8SX1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX1663 Datasheet(HTML) 562 Page - Renesas Technology Corp

Back Button H8SX1663 Datasheet HTML 558Page - Renesas Technology Corp H8SX1663 Datasheet HTML 559Page - Renesas Technology Corp H8SX1663 Datasheet HTML 560Page - Renesas Technology Corp H8SX1663 Datasheet HTML 561Page - Renesas Technology Corp H8SX1663 Datasheet HTML 562Page - Renesas Technology Corp H8SX1663 Datasheet HTML 563Page - Renesas Technology Corp H8SX1663 Datasheet HTML 564Page - Renesas Technology Corp H8SX1663 Datasheet HTML 565Page - Renesas Technology Corp H8SX1663 Datasheet HTML 566Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 562 / 1158 page
background image
Section 10 16-Bit Timer Pulse Unit (TPU)
Rev.1.00 Jun. 07, 2006 Page 510 of 1102
REJ09B0294-0100
Table 10.12 MD3 to MD0
Bit 3
MD3*
1
Bit 2
MD2*
2
Bit 1
MD1
Bit 0
MD0
Description
0
0
0
0
Normal operation
0
0
0
1
Reserved
0
0
1
0
PWM mode 1
0
0
1
1
PWM mode 2
0
1
0
0
Phase counting mode 1
0
1
0
1
Phase counting mode 2
0
1
1
0
Phase counting mode 3
0
1
1
1
Phase counting mode 4
1
X
X
X
[Legend]
X: Don't care
Notes: 1. MD3 is a reserved bit. The write value should always be 0.
2. Phase counting mode cannot be set for channels 0 and 3. In this case, 0 should always
be written to MD2.
10.3.3
Timer I/O Control Register (TIOR)
TIOR controls TGR. The TPU has eight TIOR registers, two each for channels 0 and 3, and one
each for channels 1, 2, 4, and 5. Care is required since TIOR is affected by the TMDR setting.
The initial output specified by TIOR is valid when the counter is stopped (the CST bit in TSTR is
cleared to 0). Note also that, in PWM mode 2, the output at the point at which the counter is
cleared to 0 is specified.
When TGRC or TGRD is designated for buffer operation, this setting is invalid and the register
operates as a buffer register.
To designate the input capture pin in TIOR, the DDR bit and ICR bit for the corresponding pin
should be set to 0 and 1, respectively. For details, see section 9, I/O Ports.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com