Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX1663 Datasheet(PDF) 589 Page - Renesas Technology Corp

Part # H8SX1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX1663 Datasheet(HTML) 589 Page - Renesas Technology Corp

Back Button H8SX1663 Datasheet HTML 585Page - Renesas Technology Corp H8SX1663 Datasheet HTML 586Page - Renesas Technology Corp H8SX1663 Datasheet HTML 587Page - Renesas Technology Corp H8SX1663 Datasheet HTML 588Page - Renesas Technology Corp H8SX1663 Datasheet HTML 589Page - Renesas Technology Corp H8SX1663 Datasheet HTML 590Page - Renesas Technology Corp H8SX1663 Datasheet HTML 591Page - Renesas Technology Corp H8SX1663 Datasheet HTML 592Page - Renesas Technology Corp H8SX1663 Datasheet HTML 593Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 589 / 1158 page
background image
Section 10 16-Bit Timer Pulse Unit (TPU)
Rev.1.00 Jun. 07, 2006 Page 537 of 1102
REJ09B0294-0100
10.4
Operation
10.4.1
Basic Functions
Each channel has a TCNT and TGR register. TCNT performs up-counting, and is also capable of
free-running operation, periodic counting, and external event counting.
Each TGR can be used as an input capture register or output compare register.
(1) Counter Operation
When one of bits CST0 to CST5 is set to 1 in TSTR, the TCNT counter for the corresponding
channel starts counting. TCNT can operate as a free-running counter, periodic counter, and so on.
(a) Example of count operation setting procedure
Figure 10.2 shows an example of the count operation setting procedure.
Select counter clock
Operation selection
Select counter clearing source
Periodic counter
Set period
Start count
<Periodic counter>
[1]
[2]
[4]
[3]
[5]
Free-running counter
Start count
<Free-running counter>
[5]
[1]
[2]
[3]
[4]
[5]
Select output compare register
Select the counter clock with
bits TPSC2 to TPSC0 in TCR.
At the same time, select the
input clock edge with bits
CKEG1 and CKEG0 in TCR.
For periodic counter operation,
select the TGR to be used as
the TCNT clearing source with
bits CCLR2 to CCLR0 in TCR.
Designate the TGR selected in
[2] as an output compare
register by means of TIOR.
Set the periodic counter cycle in
the TGR selected in [2].
Set the CST bit in TSTR to 1 to
start the counter operation.
Figure 10.2 Example of Counter Operation Setting Procedure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com