Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX1663 Datasheet(PDF) 603 Page - Renesas Technology Corp

Part # H8SX1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX1663 Datasheet(HTML) 603 Page - Renesas Technology Corp

Back Button H8SX1663 Datasheet HTML 599Page - Renesas Technology Corp H8SX1663 Datasheet HTML 600Page - Renesas Technology Corp H8SX1663 Datasheet HTML 601Page - Renesas Technology Corp H8SX1663 Datasheet HTML 602Page - Renesas Technology Corp H8SX1663 Datasheet HTML 603Page - Renesas Technology Corp H8SX1663 Datasheet HTML 604Page - Renesas Technology Corp H8SX1663 Datasheet HTML 605Page - Renesas Technology Corp H8SX1663 Datasheet HTML 606Page - Renesas Technology Corp H8SX1663 Datasheet HTML 607Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 603 / 1158 page
background image
Section 10 16-Bit Timer Pulse Unit (TPU)
Rev.1.00 Jun. 07, 2006 Page 551 of 1102
REJ09B0294-0100
10.4.5
PWM Modes
In PWM mode, PWM waveforms are output from the output pins. 0-, 1-, or toggle-output can be
selected as the output level in response to compare match of each TGR.
Settings of TGR registers can output a PWM waveform in the range of 0% to 100% duty cycle.
Designating TGR compare match as the counter clearing source enables the cycle to be set in that
register. All channels can be designated for PWM mode independently. Synchronous operation is
also possible.
There are two PWM modes, as described below.
1. PWM mode 1
PWM output is generated from the TIOCA and TIOCC pins by pairing TGRA with TGRB and
TGRC with TGRD. The outputs specified by bits IOA3 to IOA0 and IOC3 to IOC0 in TIOR
are output from the TIOCA and TIOCC pins at compare matches A and C, respectively. The
outputs specified by bits IOB3 to IOB0 and IOD3 to IOD0 in TIOR are output at compare
matches B and D, respectively. The initial output value is the value set in TGRA or TGRC. If
the set values of paired TGRs are identical, the output value does not change when a compare
match occurs.
In PWM mode 1, a maximum 8-phase PWM output is possible.
2. PWM mode 2
PWM output is generated using one TGR as the cycle register and the others as duty cycle
registers. The output specified in TIOR is performed by means of compare matches. Upon
counter clearing by a cycle register compare match, the output value of each pin is the initial
value set in TIOR. If the set values of the cycle and duty cycle registers are identical, the
output value does not change when a compare match occurs.
In PWM mode 2, a maximum 15-phase PWM output is possible by combined use with
synchronous operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com