Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX1663 Datasheet(PDF) 689 Page - Renesas Technology Corp

Part # H8SX1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX1663 Datasheet(HTML) 689 Page - Renesas Technology Corp

Back Button H8SX1663 Datasheet HTML 685Page - Renesas Technology Corp H8SX1663 Datasheet HTML 686Page - Renesas Technology Corp H8SX1663 Datasheet HTML 687Page - Renesas Technology Corp H8SX1663 Datasheet HTML 688Page - Renesas Technology Corp H8SX1663 Datasheet HTML 689Page - Renesas Technology Corp H8SX1663 Datasheet HTML 690Page - Renesas Technology Corp H8SX1663 Datasheet HTML 691Page - Renesas Technology Corp H8SX1663 Datasheet HTML 692Page - Renesas Technology Corp H8SX1663 Datasheet HTML 693Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 689 / 1158 page
background image
Section 13 32K Timer (TM32K)
Rev.1.00 Jun. 07, 2006 Page 637 of 1102
REJ09B0294-0100
Section 13 32K Timer (TM32K)
The 32K timer (TM32K) is an 8-bit timer that generates a 32K timer interrupt each time the
counter overflows. Figure 13.1 shows a block diagram of the TM32K.
13.1
Features
• Selectable from four counter input clocks produced by frequency division of the 32.768 kHz
clock
• A 32K timer interrupt (32KOVI) generated by a counter overflow
• Four overflow cycles of 250 ms, 500 ms, 1 s, and 2 s settable
• Counter operational except in hardware standby mode or the reset state
Clock select
Clock
[Legend]
TCR32K: Timer control register
TCNT32K: Timer counter
Internal clock
SUBCK/32
32KOVI (IRQ15)
(Interrupt request signal)
SUBCK/64
SUBCK/128
SUBCK/256
TCR32K
TCNT32K
Module bus
Bus interface
Counter
TK32K
Figure 13.1 Block Diagram of TM32K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com