Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX1663 Datasheet(PDF) 696 Page - Renesas Technology Corp

Part # H8SX1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX1663 Datasheet(HTML) 696 Page - Renesas Technology Corp

Back Button H8SX1663 Datasheet HTML 692Page - Renesas Technology Corp H8SX1663 Datasheet HTML 693Page - Renesas Technology Corp H8SX1663 Datasheet HTML 694Page - Renesas Technology Corp H8SX1663 Datasheet HTML 695Page - Renesas Technology Corp H8SX1663 Datasheet HTML 696Page - Renesas Technology Corp H8SX1663 Datasheet HTML 697Page - Renesas Technology Corp H8SX1663 Datasheet HTML 698Page - Renesas Technology Corp H8SX1663 Datasheet HTML 699Page - Renesas Technology Corp H8SX1663 Datasheet HTML 700Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 696 / 1158 page
background image
Section 14 Watchdog Timer (WDT)
Rev.1.00 Jun. 07, 2006 Page 644 of 1102
REJ09B0294-0100
Bit
Bit Name
Initial
Value
R/W
Description
7
OVF
0
R/(W)* Overflow Flag
Indicates that TCNT has overflowed in interval timer
mode. Only 0 can be written to this bit, to clear the flag.
[Setting condition]
When TCNT overflows in interval timer mode (changes
from H'FF to H'00)
When internal reset request generation is selected in
watchdog timer mode, OVF is cleared automatically by
the internal reset.
[Clearing condition]
Cleared by reading TCSR when OVF = 1, then writing 0
to OVF
(When the CPU is used to clear this flag by writing 0
while the corresponding interrupt is enabled, be sure to
read the flag after writing 0 to it.)
6
WT/
IT
0
R/W
Timer Mode Select
Selects whether the WDT is used as a watchdog timer or
interval timer.
0: Interval timer mode
When TCNT overflows, an interval timer interrupt
(WOVI) is requested.
1: Watchdog timer mode
When TCNT overflows, the
WDTOVF signal is output.
5
TME
0
R/W
Timer Enable
When this bit is set to 1, TCNT starts counting. When this
bit is cleared, TCNT stops counting and is initialized to
H'00.
4, 3
All 1
R
Reserved
These are read-only bits and cannot be modified.
2
1
0
CKS2
CKS1
CKS0
0
0
0
R/W
R/W
R/W
Clock Select 2 to 0
Select the clock source to be input to TCNT. The overflow
cycle for P
φ = 20 MHz is indicated in parentheses.
000: Clock P
φ/2 (cycle: 25.6 µs)
001: Clock P
φ/64 (cycle: 819.2 µs)
010: Clock P
φ/128 (cycle: 1.6 ms)
011: Clock P
φ/512 (cycle: 6.6 ms)
100: Clock P
φ/2048 (cycle: 26.2 ms)
101: Clock P
φ/8192 (cycle: 104.9 ms)
110: Clock P
φ/32768 (cycle: 419.4 ms)
111: Clock P
φ/131072 (cycle: 1.68 s)
Note:
*
Only 0 can be written to this bit, to clear the flag.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com