Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX1663 Datasheet(PDF) 702 Page - Renesas Technology Corp

Part # H8SX1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX1663 Datasheet(HTML) 702 Page - Renesas Technology Corp

Back Button H8SX1663 Datasheet HTML 698Page - Renesas Technology Corp H8SX1663 Datasheet HTML 699Page - Renesas Technology Corp H8SX1663 Datasheet HTML 700Page - Renesas Technology Corp H8SX1663 Datasheet HTML 701Page - Renesas Technology Corp H8SX1663 Datasheet HTML 702Page - Renesas Technology Corp H8SX1663 Datasheet HTML 703Page - Renesas Technology Corp H8SX1663 Datasheet HTML 704Page - Renesas Technology Corp H8SX1663 Datasheet HTML 705Page - Renesas Technology Corp H8SX1663 Datasheet HTML 706Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 702 / 1158 page
background image
Section 14 Watchdog Timer (WDT)
Rev.1.00 Jun. 07, 2006 Page 650 of 1102
REJ09B0294-0100
(2) Reading from TCNT, TCSR, and RSTCSR
These registers can be read from in the same way as other registers. For reading, TCSR is assigned
to address H'FFA4, TCNT to address H'FFA5, and RSTCSR to address H'FFA7.
14.6.2
Conflict between Timer Counter (TCNT) Write and Increment
If a TCNT clock pulse is generated during the T2 cycle of a TCNT write cycle, the write takes
priority and the timer counter is not incremented. Figure 14.5 shows this operation.
N
M
T
1
T
2
Address
P
φ
Internal write signal
TCNT input clock
TCNT
TCNT write cycle
Counter write data
Figure 14.5 Conflict between TCNT Write and Increment
14.6.3
Changing Values of Bits CKS2 to CKS0
If bits CKS2 to CKS0 in TCSR are written to while the WDT is operating, errors could occur in
the incrementation. The watchdog timer must be stopped (by clearing the TME bit to 0) before the
values of bits CKS2 to CKS0 are changed.
14.6.4
Switching between Watchdog Timer Mode and Interval Timer Mode
If the timer mode is switched from watchdog timer mode to interval timer mode while the WDT is
operating, errors could occur in the incrementation. The watchdog timer must be stopped (by
clearing the TME bit to 0) before switching the timer mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com