Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX1663 Datasheet(PDF) 734 Page - Renesas Technology Corp

Part # H8SX1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX1663 Datasheet(HTML) 734 Page - Renesas Technology Corp

Back Button H8SX1663 Datasheet HTML 730Page - Renesas Technology Corp H8SX1663 Datasheet HTML 731Page - Renesas Technology Corp H8SX1663 Datasheet HTML 732Page - Renesas Technology Corp H8SX1663 Datasheet HTML 733Page - Renesas Technology Corp H8SX1663 Datasheet HTML 734Page - Renesas Technology Corp H8SX1663 Datasheet HTML 735Page - Renesas Technology Corp H8SX1663 Datasheet HTML 736Page - Renesas Technology Corp H8SX1663 Datasheet HTML 737Page - Renesas Technology Corp H8SX1663 Datasheet HTML 738Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 734 / 1158 page
background image
Section 15 Serial Communication Interface (SCI, IrDA, CRC)
Rev.1.00 Jun. 07, 2006 Page 682 of 1102
REJ09B0294-0100
Table 15.4 shows sample N settings in BRR in normal asynchronous mode. Table 15.5 shows the
maximum bit rate settable for each operating frequency. Tables 15.7 and 15.9 show sample N
settings in BRR in clocked synchronous mode and smart card interface mode, respectively. In
smart card interface mode, the number of base clock cycles S in a 1-bit data transfer time can be
selected. For details, see section 15.7.4, Receive Data Sampling Timing and Reception Margin.
Tables 15.6 and 15.8 show the maximum bit rates with external clock input.
When the ABCS bit in the serial extended mode register_2, 5, and 6 (SEMR_2, 5, and 6) of
SCI_2, 5, and 6 are set to 1 in asynchronous mode, the bit rate is two times that of shown in table
15.4.
Table 15.4
Examples of BRR Settings for Various Bit Rates (Asynchronous Mode) (1)
Operating Frequency P
φ (MHz)
8
9.8304
10
12
Bit Rate
(bit/s)
n
N
Error
(%)
n
N
Error
(%)
n
N
Error
(%)
n
N
Error
(%)
110
2
141
0.03
2
174
–0.26
2
177
–0.25
2
212
0.03
150
2
103
0.16
2
127
0.00
2
129
0.16
2
155
0.16
300
1
207
0.16
1
255
0.00
2
64
0.16
2
77
0.16
600
1
103
0.16
1
127
0.00
1
129
0.16
1
155
0.16
1200
0
207
0.16
0
255
0.00
1
64
0.16
1
77
0.16
2400
0
103
0.16
0
127
0.00
0
129
0.16
0
155
0.16
4800
0
51
0.16
0
63
0.00
0
64
0.16
0
77
0.16
9600
0
25
0.16
0
31
0.00
0
32
–1.36
0
38
0.16
19200
0
12
0.16
0
15
0.00
0
15
1.73
0
19
–2.34
31250
0
7
0.00
0
9
–1.70
0
9
0.00
0
11
0.00
38400
0
7
0.00
0
7
1.73
0
9
–2.34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com