Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX1663 Datasheet(PDF) 764 Page - Renesas Technology Corp

Part # H8SX1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX1663 Datasheet(HTML) 764 Page - Renesas Technology Corp

Back Button H8SX1663 Datasheet HTML 760Page - Renesas Technology Corp H8SX1663 Datasheet HTML 761Page - Renesas Technology Corp H8SX1663 Datasheet HTML 762Page - Renesas Technology Corp H8SX1663 Datasheet HTML 763Page - Renesas Technology Corp H8SX1663 Datasheet HTML 764Page - Renesas Technology Corp H8SX1663 Datasheet HTML 765Page - Renesas Technology Corp H8SX1663 Datasheet HTML 766Page - Renesas Technology Corp H8SX1663 Datasheet HTML 767Page - Renesas Technology Corp H8SX1663 Datasheet HTML 768Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 764 / 1158 page
background image
Section 15 Serial Communication Interface (SCI, IrDA, CRC)
Rev.1.00 Jun. 07, 2006 Page 712 of 1102
REJ09B0294-0100
15.5.2
Multiprocessor Serial Data Reception
Figure 15.16 shows a sample flowchart for multiprocessor serial data reception. If the MPIE bit in
SCR is set to 1, data is skipped until data with a 1 multiprocessor bit is sent. On receiving data
with a 1 multiprocessor bit, the receive data is transferred to RDR. An RXI interrupt request is
generated at this time. All other SCI operations are the same as in asynchronous mode. Figure
15.15 shows an example of SCI operation for multiprocessor format reception.
MPIE
RDR
value
0D0
D1
D71
1
0
D0
D1
D7
01
1
1
Data (ID1)
Start
bit
MPB
Stop
bit
Start
bit
Data (Data 1)
MPB
Stop
bit
Data (ID2)
Start
bit
Stop
bit
Start
bit
Data (Data 2)
Stop
bit
RXI interrupt
request
(multiprocessor
interrupt)
generated
Idle state
(mark state)
RDRF
RDR data read
and RDRF flag
cleared to 0 in
RXI interrupt
processing routine
If not this station's ID,
MPIE bit is set to 1
again
RXI interrupt request is
not generated, and RDR
retains its state
ID1
(a) Data does not match station's ID
MPIE
RDR
value
0D0
D1
D71
1
0
D0
D1
D7
01
1
1
MPB
MPB
RXI interrupt
request
(multiprocessor
interrupt)
generated
Idle state
(mark state)
RDRF
RDR data read and
RDRF flag cleared
to 0 in RXI interrupt
processing routine
Matches this station's ID,
so reception continues, and
data is received in RXI
interrupt processing routine
MPIE bit set to 1
again
ID2
(b) Data matches station's ID
Data 2
ID1
MPIE = 0
MPIE = 0
Figure 15.15 Example of SCI Operation for Reception
(Example with 8-Bit Data, Multiprocessor Bit, One Stop Bit)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com