Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX1663 Datasheet(PDF) 785 Page - Renesas Technology Corp

Part # H8SX1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX1663 Datasheet(HTML) 785 Page - Renesas Technology Corp

Back Button H8SX1663 Datasheet HTML 781Page - Renesas Technology Corp H8SX1663 Datasheet HTML 782Page - Renesas Technology Corp H8SX1663 Datasheet HTML 783Page - Renesas Technology Corp H8SX1663 Datasheet HTML 784Page - Renesas Technology Corp H8SX1663 Datasheet HTML 785Page - Renesas Technology Corp H8SX1663 Datasheet HTML 786Page - Renesas Technology Corp H8SX1663 Datasheet HTML 787Page - Renesas Technology Corp H8SX1663 Datasheet HTML 788Page - Renesas Technology Corp H8SX1663 Datasheet HTML 789Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 785 / 1158 page
background image
Section 15 Serial Communication Interface (SCI, IrDA, CRC)
Rev.1.00 Jun. 07, 2006 Page 733 of 1102
REJ09B0294-0100
15.8
IrDA Operation
If the IrDA function is enabled using the IrE bit in IrCR, the TxD5 and RxD5 pins in SCI_5 are
allowed to encode and decode the waveform based on the IrDA Specifications version 1.0
(function as the IrTxD and IrRxD pins). Connecting these pins to the infrared data transceiver
achieves infrared data communication based on the system defined by the IrDA Specifications
version 1.0.
In the system defined by the IrDA Specifications version 1.0, communication is started at a
transfer rate of 9600 bps, which can be modified later as required. Since the IrDA interface
provided by this LSI does not incorporate the capability of automatic modification of the transfer
rate, the transfer rate must be modified through programming.
Figure 15.36 is the IrDA block diagram.
Pulse encoder
Pulse decoder
IrCR
IrDA
SCI5
TxD
TxD5/IrTxD
RxD
RxD5/IrRxD
Figure 15.36 IrDA Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com