Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX1663 Datasheet(PDF) 790 Page - Renesas Technology Corp

Part # H8SX1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX1663 Datasheet(HTML) 790 Page - Renesas Technology Corp

Back Button H8SX1663 Datasheet HTML 786Page - Renesas Technology Corp H8SX1663 Datasheet HTML 787Page - Renesas Technology Corp H8SX1663 Datasheet HTML 788Page - Renesas Technology Corp H8SX1663 Datasheet HTML 789Page - Renesas Technology Corp H8SX1663 Datasheet HTML 790Page - Renesas Technology Corp H8SX1663 Datasheet HTML 791Page - Renesas Technology Corp H8SX1663 Datasheet HTML 792Page - Renesas Technology Corp H8SX1663 Datasheet HTML 793Page - Renesas Technology Corp H8SX1663 Datasheet HTML 794Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 790 / 1158 page
background image
Section 15 Serial Communication Interface (SCI, IrDA, CRC)
Rev.1.00 Jun. 07, 2006 Page 738 of 1102
REJ09B0294-0100
Data transmission/reception using the DTC or DMAC is also possible in smart card interface
mode, similar to in the normal SCI mode. In transmission, the TEND and TDRE flags in SSR are
simultaneously set to 1, thus generating a TXI interrupt. This activates the DTC or DMAC by a
TXI request thus allowing transfer of transmit data if the TXI request is specified as a source of
DTC or DMAC activation beforehand. The TDRE and TEND flags are automatically cleared to 0
at data transfer by the DTC or DMAC. If an error occurs, the SCI automatically re-transmits the
same data. During re-transmission, the TEND flag remains as 0, thus not activating the DTC or
DMAC. Therefore, the SCI and DTC or DMAC automatically transmit the specified number of
bytes, including re-transmission in the case of error occurrence. However, the ERS flag in SSR,
which is set at error occurrence, is not automatically cleared; the ERS flag must be cleared by
previously setting the RIE bit in SCR to 1 to enable an ERI interrupt request to be generated at
error occurrence.
When transmitting/receiving data using the DTC or DMAC, be sure to set and enable the DTC or
DMAC prior to making SCI settings. For DTC or DMAC settings, see section 8, Data Transfer
Controller (DTC) and section 7, DMA Controller (DMAC).
In reception, an RXI interrupt request is generated when the RDRF flag in SSR is set to 1. This
activates the DTC or DMAC by an RXI request thus allowing transfer of receive data if the RXI
request is specified as a source of DTC or DMAC activation beforehand. The RDRF flag is
automatically cleared to 0 at data transfer by the DTC or DMAC. If an error occurs, the RDRF
flag is not set but the error flag is set. Therefore, the DTC or DMAC is not activated and an ERI
interrupt request is issued to the CPU instead; the error flag must be cleared.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com