Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX1663 Datasheet(PDF) 798 Page - Renesas Technology Corp

Part # H8SX1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX1663 Datasheet(HTML) 798 Page - Renesas Technology Corp

Back Button H8SX1663 Datasheet HTML 794Page - Renesas Technology Corp H8SX1663 Datasheet HTML 795Page - Renesas Technology Corp H8SX1663 Datasheet HTML 796Page - Renesas Technology Corp H8SX1663 Datasheet HTML 797Page - Renesas Technology Corp H8SX1663 Datasheet HTML 798Page - Renesas Technology Corp H8SX1663 Datasheet HTML 799Page - Renesas Technology Corp H8SX1663 Datasheet HTML 800Page - Renesas Technology Corp H8SX1663 Datasheet HTML 801Page - Renesas Technology Corp H8SX1663 Datasheet HTML 802Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 798 / 1158 page
background image
Section 15 Serial Communication Interface (SCI, IrDA, CRC)
Rev.1.00 Jun. 07, 2006 Page 746 of 1102
REJ09B0294-0100
Bit
Bit Name
Initial
Value
R/W
Description
1
0
G1
G0
0
0
R/W
R/W
CRC Generating Polynomial Select:
Selects the polynomial.
00: Reserved
01: X
8 + X2 + X + 1
10: X
16 + X15 + X2 + 1
11: X
16 + X12 + X5 + 1
(2) CRC Data Input Register (CRCDIR)
CRCDIR is an 8-bit readable/writable register, to which the bytes to be CRC-operated are written.
The result is obtained in CRCDOR.
Bit
Bit Name
Initial Value
R/W
7
0
R/W
6
0
R/W
5
0
R/W
4
0
R/W
3
0
R/W
2
0
R/W
1
0
R/W
0
0
R/W
(3) CRC Data Output Register (CRCDOR)
CRCDOR is a 16-bit readable/writable register that contains the result of CRC operation when the
bytes to be CRC-operated are written to CRCDIR after CRCDOR is cleared. When the CRC
operation result is additionally written to the bytes to which CRC operation is to be performed, the
CRC operation result will be H'0000 if the data contains no CRC error. When bits 1 and 0 in
CRCCR (G1 and G0 bits) are set to 0 and 1, respectively, the lower byte of this register contains
the result.
Bit
Bit Name
Initial Value
R/W
7
0
R/W
6
0
R/W
5
0
R/W
4
0
R/W
3
0
R/W
2
0
R/W
1
0
R/W
0
0
R/W
Bit
Bit Name
Initial Value
R/W
7
0
R/W
6
0
R/W
5
0
R/W
4
0
R/W
3
0
R/W
2
0
R/W
1
0
R/W
0
0
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com