Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX1663 Datasheet(PDF) 843 Page - Renesas Technology Corp

Part # H8SX1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX1663 Datasheet(HTML) 843 Page - Renesas Technology Corp

Back Button H8SX1663 Datasheet HTML 839Page - Renesas Technology Corp H8SX1663 Datasheet HTML 840Page - Renesas Technology Corp H8SX1663 Datasheet HTML 841Page - Renesas Technology Corp H8SX1663 Datasheet HTML 842Page - Renesas Technology Corp H8SX1663 Datasheet HTML 843Page - Renesas Technology Corp H8SX1663 Datasheet HTML 844Page - Renesas Technology Corp H8SX1663 Datasheet HTML 845Page - Renesas Technology Corp H8SX1663 Datasheet HTML 846Page - Renesas Technology Corp H8SX1663 Datasheet HTML 847Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 843 / 1158 page
background image
Section 16 USB Function Module (USB)
Rev.1.00 Jun. 07, 2006 Page 791 of 1102
REJ09B0294-0100
(2) Resume Operation from Up-Stream
If the USB bus enters the non-suspend state from the suspend state by resume signal output from
up-stream, perform the operation as shown in figure 16.5.
USB cable connected
USB bus in suspend state
Resume interrupts is
requested from the
up-stream.
Suspend/resume
interrupt occurs.
(IFR2/SURSF = 1)
RESUME
Cancel software
standby mode
Clear SURSF in IFR2 to 0
Set SURSE in IER2 to 1
Clear SSRSME in IER2 to 0
Check if SURSS in IFR2 is
cleared to 0
Software standby
mode ?
USB module
stopped?
Oscillation stabilization
time has passed?
No
No
No
Yes
Yes
Yes
Start USB operating
clock oscillation
Cancel USB module stop
Return to normal state
USB function
Application
Figure 16.5 Resume Operation from Up-Stream



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com