Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX1663 Datasheet(PDF) 861 Page - Renesas Technology Corp

Part # H8SX1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX1663 Datasheet(HTML) 861 Page - Renesas Technology Corp

Back Button H8SX1663 Datasheet HTML 857Page - Renesas Technology Corp H8SX1663 Datasheet HTML 858Page - Renesas Technology Corp H8SX1663 Datasheet HTML 859Page - Renesas Technology Corp H8SX1663 Datasheet HTML 860Page - Renesas Technology Corp H8SX1663 Datasheet HTML 861Page - Renesas Technology Corp H8SX1663 Datasheet HTML 862Page - Renesas Technology Corp H8SX1663 Datasheet HTML 863Page - Renesas Technology Corp H8SX1663 Datasheet HTML 864Page - Renesas Technology Corp H8SX1663 Datasheet HTML 865Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 861 / 1158 page
background image
Section 16 USB Function Module (USB)
Rev.1.00 Jun. 07, 2006 Page 809 of 1102
REJ09B0294-0100
16.8
DMA Transfer
16.8.1
Overview
DMA transfer can be performed for endpoints 1 and 2 in this module. Note that word or longword
data cannot be transferred.
When endpoint 1 holds at least one byte of valid receive data, a DMA request for endpoint 1 is
generated. When endpoint 2 holds no valid data, a DMA request for endpoint 2 is generated.
If the DMA transfer is enabled by setting the EP1DMAE bit in the DMA transfer setting register
to 1, zero-length data reception at endpoint 1 is ignored. When the DMA transfer is enabled, the
RDFN bit for EP1 and PKTE bit for EP2 do not need to be set to 1 in TRG (note that the PKTE bit
must be set to 1 when the transfer data is less than the maximum number of bytes). When all the
data received at EP1 is read, the FIFO automatically enters the EMPTY state. When the maximum
number of bytes (64 bytes) are written to the EP2 FIFO, the FIFO automatically enters the FULL
state, and the data in the FIFO can be transmitted (see figures 16.20 and 16.21).
16.8.2
DMA Transfer for Endpoint 1
When the data received at EP1 is transferred by the DMAC, the USB function module
automatically performs the same processing as writing 1 to the RDFN bit in TRG if the currently
selected FIFO becomes empty. Accordingly, in DMA transfer, do not write 1 to the RDFN bit in
TRG. If the user writes 1 to the RDFN bit in DMA transfer, correct operation cannot be
guaranteed.
Figure 16.20 shows an example of receiving 150 bytes of data from the host. In this case, internal
processing which is the same as writing 1 to the RDFN bit in TRG is automatically performed
three times. This internal processing is performed when the currently selected data FIFO becomes
empty. Accordingly, this processing is automatically performed both when 64-byte data is sent
and when data less than 64 bytes is sent.
RDFN
(Automatically
performed)
RDFN
(Automatically
performed)
RDFN
(Automatically
performed)
64 bytes
64 bytes
22 bytes
Figure 16.20 RDFN Bit Operation for EP1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com