Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX1663 Datasheet(PDF) 929 Page - Renesas Technology Corp

Part # H8SX1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX1663 Datasheet(HTML) 929 Page - Renesas Technology Corp

Back Button H8SX1663 Datasheet HTML 925Page - Renesas Technology Corp H8SX1663 Datasheet HTML 926Page - Renesas Technology Corp H8SX1663 Datasheet HTML 927Page - Renesas Technology Corp H8SX1663 Datasheet HTML 928Page - Renesas Technology Corp H8SX1663 Datasheet HTML 929Page - Renesas Technology Corp H8SX1663 Datasheet HTML 930Page - Renesas Technology Corp H8SX1663 Datasheet HTML 931Page - Renesas Technology Corp H8SX1663 Datasheet HTML 932Page - Renesas Technology Corp H8SX1663 Datasheet HTML 933Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 929 / 1158 page
background image
Section 21 Flash Memory (0.18-
µm F-ZTAT Version)
Rev.1.00 Jun. 07, 2006 Page 877 of 1102
REJ09B0294-0100
21.2
Mode Transition Diagram
When the mode pins are set in the reset state and reset start is performed, this LSI enters each
operating mode as shown in figure 21.2. Although the flash memory can be read in user mode, it
cannot be programmed or erased. The flash memory can be programmed or erased in boot mode,
user program mode, and programmer mode. The differences between boot mode, user program
mode, and programmer mode are shown in table 21.1.
Reset state
Programmer
mode
User mode
User program
mode
USB boot mode
On-board programming mode
RES
= 0
User
mode
sett
ing
USB
boot
m
od
e sett
ing
RES
= 0
RES = 0
Programmer mode setting
SCI boot mode
*1
RAM emulation can be
available
ROM disabled mode
RES = 0
ROM disabled mode
setting
*2
Notes: * In this LSI, the user program mode is defined as the period from the timing when a program
concerning programming and erasure is started in user mode to the timing when the program is
completed.
1. Programming and erasure is started.
2. Programming and erasure is completed.
Figure 21.2 Mode Transition of Flash Memory



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com