Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX1663 Datasheet(PDF) 1032 Page - Renesas Technology Corp

Part # H8SX1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX1663 Datasheet(HTML) 1032 Page - Renesas Technology Corp

Back Button H8SX1663 Datasheet HTML 1028Page - Renesas Technology Corp H8SX1663 Datasheet HTML 1029Page - Renesas Technology Corp H8SX1663 Datasheet HTML 1030Page - Renesas Technology Corp H8SX1663 Datasheet HTML 1031Page - Renesas Technology Corp H8SX1663 Datasheet HTML 1032Page - Renesas Technology Corp H8SX1663 Datasheet HTML 1033Page - Renesas Technology Corp H8SX1663 Datasheet HTML 1034Page - Renesas Technology Corp H8SX1663 Datasheet HTML 1035Page - Renesas Technology Corp H8SX1663 Datasheet HTML 1036Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1032 / 1158 page
background image
Section 23 Power-Down Modes
Rev.1.00 Jun. 07, 2006 Page 980 of 1102
REJ09B0294-0100
23.3
Multi-Clock Function
23.3.1
Switching of Main Clock
When bits ICK2 to ICK0, PCK2 to PCK0, and BCK2 to BCK0 in SCKCR are set, the main clock
frequency changes at the end of the bus cycle. The CPU and bus masters operate on the operating
clock specified by bits ICK2 to ICK0. The peripheral modules operate on the operating clock
specified by bits PCK2 to PCK0. The external bus clock operates on the operating clock specified
by bits BCK2 to BCK0. Even if the frequencies specified by bits PCK2 to PCK0 and BCK2 to
BCK0 are higher than the frequency specified by bits ICK2 to ICK0, the specified values are not
reflected in the peripheral module and external bus clocks. The peripheral module and external bus
clocks are restricted to the operating clock specified by bits ICK2 to ICK0.
23.3.2
Switching to Subclock
When the CK32K bit in SUBCKCR is set to 1, a transition from the main clock operation to the
subclock operation is made at the end of the bus cycle regardless of the SCKCR setting. In the
subclock operation, the CPU, bus masters, peripheral modules, and all external buses operate on
the 32.768-kHz subclock.
When the CK32K bit in SUBCKCR is set to 0 in the subclock operation, a transition to the main
clock operation is made at the end of the bus cycle. Since a transition from the subclock operation
to the main clock operation is made via software standby mode, the oscillation settling time of the
main clock must elapse. Set the oscillation settling time of the main clock with bits STS4 to STS0
in SBYCR.
The main clock oscillator can be operated or stopped by the EXSTP bit in SUBCKCR in the
subclock operation. When a transition is made from the subclock operation to the main clock
operation with the main clock oscillator operating, the wait for the oscillation settling time of the
main clock oscillator is not necessary. A transition to the main clock operation can be made in the
minimum setting time with the setting of bits STS4 to STS0 in SBYCR.
In the same way as in the main clock operation, if a SLEEP instruction is executed in the subclock
operation while the SSBY bit in SBYCR is set to 1, this LSI enters software standby mode. When
a transition is made to software standby mode in the subclock operation, the operating clock of the
system clock after clearing of software standby mode can be selected with the WAKE32K bit in
SUBCKCR. This LSI is placed in the subclock operation if the WAKE32K bit is 1, or placed in
the main clock operation if the WAKE32K bit is 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com