Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX1663 Datasheet(PDF) 1055 Page - Renesas Technology Corp

Part # H8SX1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX1663 Datasheet(HTML) 1055 Page - Renesas Technology Corp

Back Button H8SX1663 Datasheet HTML 1051Page - Renesas Technology Corp H8SX1663 Datasheet HTML 1052Page - Renesas Technology Corp H8SX1663 Datasheet HTML 1053Page - Renesas Technology Corp H8SX1663 Datasheet HTML 1054Page - Renesas Technology Corp H8SX1663 Datasheet HTML 1055Page - Renesas Technology Corp H8SX1663 Datasheet HTML 1056Page - Renesas Technology Corp H8SX1663 Datasheet HTML 1057Page - Renesas Technology Corp H8SX1663 Datasheet HTML 1058Page - Renesas Technology Corp H8SX1663 Datasheet HTML 1059Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1055 / 1158 page
background image
Section 24 List of Registers
Rev.1.00 Jun. 07, 2006 Page 1003 of 1102
REJ09B0294-0100
Register Name
Abbreviation
Number
of Bits
Address
Module
Data
Width
Access
Cycles
(Read/Write)
Timer control register_4
TCR_4
8
H'FFEE0
TPU_4
16
2P
φ/2Pφ
Timer mode register_4
TMDR_4
8
H'FFEE1
TPU_4
16
2P
φ/2Pφ
Timer I/O control register_4
TIOR_4
8
H'FFEE2
TPU_4
16
2P
φ/2Pφ
Timer interrupt enable register_4
TIER_4
8
H'FFEE4
TPU_4
16
2P
φ/2Pφ
Timer status register_4
TSR_4
8
H'FFEE5
TPU_4
16
2P
φ/2Pφ
Timer counter_4
TCNT_4
16
H'FFEE6
TPU_4
16
2P
φ/2Pφ
Timer general register A_4
TGRA_4
16
H'FFEE8
TPU_4
16
2P
φ/2Pφ
Timer general register B_4
TGRB_4
16
H'FFEEA
TPU_4
16
2P
φ/2Pφ
Timer control register_5
TCR_5
8
H'FFEF0
TPU_5
16
2P
φ/2Pφ
Timer mode register_5
TMDR_5
8
H'FFEF1
TPU_5
16
2P
φ/2Pφ
Timer I/O control register_5
TIOR_5
8
H'FFEF2
TPU_5
16
2P
φ/2Pφ
Timer interrupt enable register_5
TIER_5
8
H'FFEF4
TPU_5
16
2P
φ/2Pφ
Timer status register_5
TSR_5
8
H'FFEF5
TPU_5
16
2P
φ/2Pφ
Timer counter_5
TCNT_5
16
H'FFEF6
TPU_5
16
2P
φ/2Pφ
Timer general register A_5
TGRA_5
16
H'FFEF8
TPU_5
16
2P
φ/2Pφ
Timer general register B_5
TGRB_5
16
H'FFEFA
TPU_5
16
2P
φ/2Pφ
DTC enable register A
DTCERA
16
H'FFF20
INTC
16
2I
φ/3Iφ
DTC enable register B
DTCERB
16
H'FFF22
INTC
16
2I
φ/3Iφ
DTC enable register C
DTCERC
16
H'FFF24
INTC
16
2I
φ/3Iφ
DTC enable register D
DTCERD
16
H'FFF26
INTC
16
2I
φ/3Iφ
DTC enable register E
DTCERE
16
H'FFF28
INTC
16
2I
φ/3Iφ
DTC enable register G
DTCERG
16
H'FFF2C
INTC
16
2I
φ/3Iφ
DTC enable register H
DTCERH
16
H'FFF2E
INTC
16
2I
φ/3Iφ
DTC control register
DTCCR
8
H'FFF30
INTC
16
2I
φ/3Iφ
Interrupt control register
INTCR
8
H'FFF32
INTC
16
2I
φ/3Iφ
CPU priority control register
CPUPCR
8
H'FFF33
INTC
16
2I
φ/3Iφ
IRQ enable register
IER
16
H'FFF34
INTC
16
2I
φ/3Iφ
IRQ status register
ISR
16
H'FFF36
INTC
16
2I
φ/3Iφ
Port 1 register
PORT1
8
H'FFF40
I/O port
8
2P
φ/—
Port 2 register
PORT2
8
H'FFF41
I/O port
8
2P
φ/—
Port 3 register
PORT3
8
H'FFF42
I/O port
8
2P
φ/—
Port 5 register
PORT5
8
H'FFF44
I/O port
8
2P
φ/—
Port 6 register
PORT6
8
H'FFF45
I/O port
8
2P
φ/—
Port A register
PORTA
8
H'FFF49
I/O port
8
2P
φ/—
Port B register
PORTB
8
H'FFF4A
I/O port
8
2P
φ/—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com