Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX1663 Datasheet(PDF) 1103 Page - Renesas Technology Corp

Part # H8SX1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX1663 Datasheet(HTML) 1103 Page - Renesas Technology Corp

Back Button H8SX1663 Datasheet HTML 1099Page - Renesas Technology Corp H8SX1663 Datasheet HTML 1100Page - Renesas Technology Corp H8SX1663 Datasheet HTML 1101Page - Renesas Technology Corp H8SX1663 Datasheet HTML 1102Page - Renesas Technology Corp H8SX1663 Datasheet HTML 1103Page - Renesas Technology Corp H8SX1663 Datasheet HTML 1104Page - Renesas Technology Corp H8SX1663 Datasheet HTML 1105Page - Renesas Technology Corp H8SX1663 Datasheet HTML 1106Page - Renesas Technology Corp H8SX1663 Datasheet HTML 1107Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1103 / 1158 page
background image
Section 25 Electrical Characteristics
Rev.1.00 Jun. 07, 2006 Page 1051 of 1102
REJ09B0294-0100
Item
Symbol
Min.
Max.
Unit
Test
Conditions
Precharge time 1 for self-refresh
t
RPS1
2.5
× t
cyc – 20
ns
Figure 25.28
Precharge time 2 for self refresh
t
RPS2
3.0
× t
cyc – 20
ns
Figure 25.27
Address delay time 2
t
AD2
1
18
ns
CS delay time 4
t
CSD4
1
15
ns
Figures 25.29
to 25.32
DQM delay time
t
DQMD
1
15
ns
CKE delay time
t
CKED
1
15
ns
Table 25.6
Bus Timing (4)
Conditions: V
CC = PLLVCC = DrVCC = 3.0 V to 3.6 V, AVCC = 3.0 V to 3.6 V, Vref = 3.0 V to AVCC,
V
SS = PLLVSS = DrVSS = AVSS = 0 V, Bφ = 8 MHz to 50 MHz,
T
a = –20°C to +75°C (regular specifications),
T
a = –40°C to +85°C (wide-range specifications)
Item
Symbol
Min.
Max.
Unit
Test
Conditions
Read data setup time 3
t
RDS3
12
ns
Read data hold time 3
t
RDH3
0
ns
Figures 25.29
to 25.32
Read data setup time 4
t
RDS4
12
ns
Read data hold time 4
t
RDH4
0
ns
Write data delay time 2
t
WDD2
15
ns
Write data hold time 4
t
WDH4
1
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com