Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX1663 Datasheet(PDF) 1138 Page - Renesas Technology Corp

Part # H8SX1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX1663 Datasheet(HTML) 1138 Page - Renesas Technology Corp

Back Button H8SX1663 Datasheet HTML 1134Page - Renesas Technology Corp H8SX1663 Datasheet HTML 1135Page - Renesas Technology Corp H8SX1663 Datasheet HTML 1136Page - Renesas Technology Corp H8SX1663 Datasheet HTML 1137Page - Renesas Technology Corp H8SX1663 Datasheet HTML 1138Page - Renesas Technology Corp H8SX1663 Datasheet HTML 1139Page - Renesas Technology Corp H8SX1663 Datasheet HTML 1140Page - Renesas Technology Corp H8SX1663 Datasheet HTML 1141Page - Renesas Technology Corp H8SX1663 Datasheet HTML 1142Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1138 / 1158 page
background image
Section 25 Electrical Characteristics
Rev.1.00 Jun. 07, 2006 Page 1086 of 1102
REJ09B0294-0100
25.7.2
H8SX/1664
Table 25.13 Flash Memory Characteristics
Conditions: V
CC = PLLVCC = DrVCC = 3.0 V to 3.6 V, AVCC = 3.0 V to 3.6 V, Vref = 3.0 V to AVCC,
V
SS = PLLVSS = DrVSS = AVSS = 0 V,
Operating temperature range during programming/erasing:
T
a = 0°C to +75°C (regular specifications),
T
a = 0°C to +85°C (wide-range specifications)
Item
Symbol
Min.
Typ.
Max.
Unit
Test
Conditions
Programming time*
1, *2, *4
t
P
3
30
ms/128 bytes
Erasure time*
1, *2, *4
t
E
160
800
ms/4-kbyte
block
1000
5000
ms/32-kbyte
block
2000
10000
ms/64-kbyte
block
Programming time
(total)*
1, *2, *4
Σ
tP
10
30
s/512 kbytes
T
a = 25°C,
for all 0s
Erasure time (total)*
1, *2, *4
Σ
tE
20
60
s/512 kbytes
T
a = 25°C
Programming, Erasure
time (total)*
1, *2, *4
Σ
tPE
30
90
s/512 kbytes
T
a = 25°C
Overwrite count
N
WEC
100*
3
times
Data save time*
5
T
DRP
10
years
Notes: 1. Programming time and erase time depend on data in the flash memory.
2. Programming time and erase time do not include time for data transfer.
3. All the characteristics after programming are guaranteed within this value (guaranteed
value is from 1 to Min. value).
4. Characteristics when programming is performed within the Min. value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com