Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX1663 Datasheet(PDF) 118 Page - Renesas Technology Corp

Part # H8SX1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX1663 Datasheet(HTML) 118 Page - Renesas Technology Corp

Back Button H8SX1663 Datasheet HTML 114Page - Renesas Technology Corp H8SX1663 Datasheet HTML 115Page - Renesas Technology Corp H8SX1663 Datasheet HTML 116Page - Renesas Technology Corp H8SX1663 Datasheet HTML 117Page - Renesas Technology Corp H8SX1663 Datasheet HTML 118Page - Renesas Technology Corp H8SX1663 Datasheet HTML 119Page - Renesas Technology Corp H8SX1663 Datasheet HTML 120Page - Renesas Technology Corp H8SX1663 Datasheet HTML 121Page - Renesas Technology Corp H8SX1663 Datasheet HTML 122Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 1158 page
background image
Section 3 MCU Operating Modes
Rev.1.00 Jun. 07, 2006 Page 66 of 1102
REJ09B0294-0100
Mode 7 is a single-chip initiation mode. In the initial state, all areas are designated to 8-bit access
space and all I/O ports can be used as general input/output ports. The external address space
cannot be accessed in the initial state, but setting the EXPE bit in the system control register
(SYSCR) to 1 enables to use the external address space. After the external address space is
enabled, ports D, E, and F can be used as an address output bus and ports H and I as a data bus by
specifying the data direction register (DDR) for each port.
Modes 4 to 6 are external extended modes, in which the external memory and devices can be
accessed. In the external extended modes, the external address space can be designated as 8-bit or
16-bit address space for each area by the bus controller after starting program execution.
If 16-bit address space is designated for any one area, it is called the 16-bit bus widths mode. If 8-
bit address space is designated for all areas, it is called the 8-bit bus width mode.
3.2
Register Descriptions
The following registers are related to the operating mode setting.
• Mode control register (MDCR)
• System control register (SYSCR)
3.2.1
Mode Control Register (MDCR)
MDCR indicates the current operating mode. When MDCR is read from, the states of signals
MD3 to MD0 are latched. Latching is released by a reset.
Bit
Bit Name
Initial Value
R/W
Note: * Determined by pins MD3 to MD0.
15
MDS7
Undefined*
R
14
1
R
13
0
R
12
1
R
11
MDS3
Undefined*
R
10
MDS2
Undefined*
R
9
MDS1
Undefined*
R
8
MDS0
Undefined*
R
Bit
Bit Name
Initial Value
R/W
7
Undefined*
R
6
1
R
5
0
R
4
1
R
3
Undefined*
R
2
Undefined*
R
1
Undefined*
R
0
Undefined*
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com