Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX1663 Datasheet(PDF) 131 Page - Renesas Technology Corp

Part # H8SX1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX1663 Datasheet(HTML) 131 Page - Renesas Technology Corp

Back Button H8SX1663 Datasheet HTML 127Page - Renesas Technology Corp H8SX1663 Datasheet HTML 128Page - Renesas Technology Corp H8SX1663 Datasheet HTML 129Page - Renesas Technology Corp H8SX1663 Datasheet HTML 130Page - Renesas Technology Corp H8SX1663 Datasheet HTML 131Page - Renesas Technology Corp H8SX1663 Datasheet HTML 132Page - Renesas Technology Corp H8SX1663 Datasheet HTML 133Page - Renesas Technology Corp H8SX1663 Datasheet HTML 134Page - Renesas Technology Corp H8SX1663 Datasheet HTML 135Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 1158 page
background image
Section 4 Exception Handling
Rev.1.00 Jun. 07, 2006 Page 79 of 1102
REJ09B0294-0100
Vector Table Address Offset*
1
Exception Source
Vector Number
Normal Mode*
2
Advanced, Middle*
2,
Maximum*
2 Modes
Reserved for system use
19
23
H'0026 to H'0027
H'002E to H'002F
H'004C to H'004F
H'005C to H'005F
User area (not used)
24
63
H'0030 to H'0031
H'007E to H'007F
H'0060 to H'0063
H'00FC to H'00FF
External interrupt
IRQ0
64
H'0080 to H'0081
H'0100 to H'0103
IRQ1
65
H'0082 to H'0083
H'0104 to H'0107
IRQ2
66
H'0084 to H'0085
H'0108 to H'010B
IRQ3
67
H'0086 to H'0087
H'010C to H'010F
IRQ4
68
H'0088 to H'0089
H'0110 to H'0113
IRQ5
69
H'008A to H'008B
H'0114 to H'0117
IRQ6
70
H'008C to H'008D
H'0118 to H'011B
IRQ7
71
H'008E to H'008F
H'011C to H'011F
IRQ8
72
H'0090 to H'0091
H'0120 to H'0123
IRQ9
73
H'0092 to H'0093
H'0124 to H'0127
IRQ10
74
H'0094 to H'0095
H'0128 to H'012B
IRQ11
75
H'0096 to H'0097
H'012C to H'012F
Reserved for system use
76
79
H'0098 to H'0099
H'009E to H'009F
H'0130 to H'0133
H'013C to H'013F
Internal interrupt*
4
80
255
H'00A0 to H'00A1
H'01FE to H'01FF
H'0140 to H'0143
H'03FC to H'03FF
Notes: 1. Lower 16 bits of the address.
2. Not available in this LSI.
3. A DMA address error is generated by the DTC and DMAC.
4. For details of internal interrupt vectors, see section 5.5, Interrupt Exception Handling
Vector Table.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com