Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX1663 Datasheet(PDF) 141 Page - Renesas Technology Corp

Part # H8SX1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX1663 Datasheet(HTML) 141 Page - Renesas Technology Corp

Back Button H8SX1663 Datasheet HTML 137Page - Renesas Technology Corp H8SX1663 Datasheet HTML 138Page - Renesas Technology Corp H8SX1663 Datasheet HTML 139Page - Renesas Technology Corp H8SX1663 Datasheet HTML 140Page - Renesas Technology Corp H8SX1663 Datasheet HTML 141Page - Renesas Technology Corp H8SX1663 Datasheet HTML 142Page - Renesas Technology Corp H8SX1663 Datasheet HTML 143Page - Renesas Technology Corp H8SX1663 Datasheet HTML 144Page - Renesas Technology Corp H8SX1663 Datasheet HTML 145Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 1158 page
background image
Section 4 Exception Handling
Rev.1.00 Jun. 07, 2006 Page 89 of 1102
REJ09B0294-0100
Table 4.9
Status of CCR and EXR after Sleep Instruction Exception Handling
CCR
EXR
Interrupt Control Mode
I
UI
T
I2 to I0
0
1
2
1
0
7
[Legend]
1:
Set to 1
0:
Cleared to 0
:
Retains the previous value.
4.7.3
Exception Handling by Illegal Instruction
The illegal instructions are general illegal instructions and slot illegal instructions. The exception
handling by the general illegal instruction starts when an undefined code is executed. The
exception handling by the slot illegal instruction starts when a particular instruction (e.g. its code
length is two words or more, or it changes the PC contents) at a delay slot (immediately after a
delayed branch instruction) is executed. The exception handling by the general illegal instruction
and slot illegal instruction is always executable in the program execution state.
The exception handling is as follows:
1. The contents of PC, CCR, and EXR are saved in the stack.
2. The interrupt mask bit is updated and the T bit is cleared to 0.
3. An exception handling vector table address corresponding to the occurred exception is
generated, the start address of the exception service routine is loaded from the vector table to
PC, and program execution starts from that address.
Table 4.10 shows the state of CCR and EXR after execution of illegal instruction exception
handling.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com