Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX1663 Datasheet(PDF) 149 Page - Renesas Technology Corp

Part # H8SX1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX1663 Datasheet(HTML) 149 Page - Renesas Technology Corp

Back Button H8SX1663 Datasheet HTML 145Page - Renesas Technology Corp H8SX1663 Datasheet HTML 146Page - Renesas Technology Corp H8SX1663 Datasheet HTML 147Page - Renesas Technology Corp H8SX1663 Datasheet HTML 148Page - Renesas Technology Corp H8SX1663 Datasheet HTML 149Page - Renesas Technology Corp H8SX1663 Datasheet HTML 150Page - Renesas Technology Corp H8SX1663 Datasheet HTML 151Page - Renesas Technology Corp H8SX1663 Datasheet HTML 152Page - Renesas Technology Corp H8SX1663 Datasheet HTML 153Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 1158 page
background image
Section 5 Interrupt Controller
Rev.1.00 Jun. 07, 2006 Page 97 of 1102
REJ09B0294-0100
5.3.2
CPU Priority Control Register (CPUPCR)
CPUPCR sets whether or not the CPU has priority over the DTC and DMAC. The interrupt
exception handling by the CPU can be given priority over that of the DTC and DMAC transfer.
The priority level of the DTC is set by bits DTCP2 to DTCP0 in CPUPCR. The priority level of
the DMAC is set by the DMAC control register for each channel.
Bit
Bit Name
Initial Value
R/W
Note: * When the IPSETE bit is set to 1, the CPU priority is automatically updated, so these bits cannot be modified.
7
CPUPCE
0
R/W
6
DTCP2
0
R/W
5
DTCP1
0
R/W
4
DTCP0
0
R/W
3
IPSETE
0
R/W
2
CPUP2
0
R/(W)*
1
CPUP1
0
R/(W)*
0
CPUP0
0
R/(W)*
Bit
Bit Name
Initial
Value
R/W
Description
7
CPUPCE
0
R/W
CPU Priority Control Enable
Controls the CPU priority control function. Setting this bit
to 1 enables the CPU priority control over the DTC and
DMAC.
0: CPU always has the lowest priority
1: CPU priority control enabled
6
5
4
DTCP2
DTCP1
DTCP0
0
0
0
R/W
R/W
R/W
DTC Priority Level 2 to 0
These bits set the DTC priority level.
000: Priority level 0 (lowest)
001: Priority level 1
010: Priority level 2
011: Priority level 3
100: Priority level 4
101: Priority level 5
110: Priority level 6
111: Priority level 7 (highest)
3
IPSETE
0
R/W
Interrupt Priority Set Enable
Controls the function which automatically assigns the
interrupt priority level of the CPU. Setting this bit to 1
automatically sets bits CPUP2 to CPUP0 by the CPU
interrupt mask bit (I bit in CCR or bits I2 to I0 in EXR).
0: Bits CPUP2 to CPUP0 are not updated automatically
1: The interrupt mask bit value is reflected in bits CPUP2
to CPUP0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com