Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX1663 Datasheet(PDF) 175 Page - Renesas Technology Corp

Part # H8SX1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX1663 Datasheet(HTML) 175 Page - Renesas Technology Corp

Back Button H8SX1663 Datasheet HTML 171Page - Renesas Technology Corp H8SX1663 Datasheet HTML 172Page - Renesas Technology Corp H8SX1663 Datasheet HTML 173Page - Renesas Technology Corp H8SX1663 Datasheet HTML 174Page - Renesas Technology Corp H8SX1663 Datasheet HTML 175Page - Renesas Technology Corp H8SX1663 Datasheet HTML 176Page - Renesas Technology Corp H8SX1663 Datasheet HTML 177Page - Renesas Technology Corp H8SX1663 Datasheet HTML 178Page - Renesas Technology Corp H8SX1663 Datasheet HTML 179Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 175 / 1158 page
background image
Section 5 Interrupt Controller
Rev.1.00 Jun. 07, 2006 Page 123 of 1102
REJ09B0294-0100
Select signal
DTCER
DMRSR_0 to DMRSR_3
Select signal
IRQ
interrupt
On-chip
peripheral
module
Interrupt controller
Clear signal
Control signal
DMAC activation request signal
Clear signal
DTC/CPU
select
circuit
DMAC
select
circuit
DTC control
circuit
Priority
determination
DTC
DMAC
CPU
Interrupt request
Clear signal
Interrupt request
Interrupt request
clear signal
Interrupt request clear signal
Interrupt request
DTC activation request
vector number
CPU interrupt request
vector number
Clear signal
I, I2 to I0
Figure 5.6 Block Diagram of DTC, DMAC, and Interrupt Controller
(1)
Selection of Interrupt Sources
The activation source for each DMAC channel is selected by DMRSR. The selected activation
source is input to the DMAC through the select circuit. When transfer by an on-chip module
interrupt is enabled (DTF1 = 1, DTF0 = 0, and DTE = 1 in DMDR) and the DTA bit in DMDR is
set to 1, the interrupt source selected for the DMAC activation source is controlled by the DMAC
and cannot be used as a DTC activation source or CPU interrupt source.
Interrupt sources that are not controlled by the DMAC are set for DTC activation sources or CPU
interrupt sources by the DTCE bit in DTCERA to DTCERH of the DTC.
Specifying the DISEL bit in MRB of the DTC generates an interrupt request to the CPU by
clearing the DTCE bit to 0 after the individual DTC data transfer.
Note that when the DTC performs a predetermined number of data transfers and the transfer
counter indicates 0, an interrupt request is made to the CPU by clearing the DTCE bit to 0 after the
DTC data transfer.
When the same interrupt source is set as both the DTC and DMAC activation source and CPU
interrupt source, the DTC and DMAC must be given priority over the CPU. If the IPSETE bit in
CPUPCR is set to 1, the priority is determined according to the IPR setting. Therefore, the CPUP
setting or the IPR setting corresponding to the interrupt source must be set to lower than or equal
to the DTCP and DMAP setting. If the CPU is given priority over the DTC or DMAC, the DTC or
DMAC may not be activated, and the data transfer may not be performed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com