Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX1663 Datasheet(PDF) 215 Page - Renesas Technology Corp

Part # H8SX1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX1663 Datasheet(HTML) 215 Page - Renesas Technology Corp

Back Button H8SX1663 Datasheet HTML 211Page - Renesas Technology Corp H8SX1663 Datasheet HTML 212Page - Renesas Technology Corp H8SX1663 Datasheet HTML 213Page - Renesas Technology Corp H8SX1663 Datasheet HTML 214Page - Renesas Technology Corp H8SX1663 Datasheet HTML 215Page - Renesas Technology Corp H8SX1663 Datasheet HTML 216Page - Renesas Technology Corp H8SX1663 Datasheet HTML 217Page - Renesas Technology Corp H8SX1663 Datasheet HTML 218Page - Renesas Technology Corp H8SX1663 Datasheet HTML 219Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 215 / 1158 page
background image
Section 6 Bus Controller (BSC)
Rev.1.00 Jun. 07, 2006 Page 163 of 1102
REJ09B0294-0100
Bit
Bit Name
Initial
Value
R/W
Description
6 to 1
All 0
R
Reserved
The initial value should not be changed.
0
TRWL
0
R/W
Write-Precharge Delay Control
Specifies the time until the precharge command is
issued after the write command is issued to the
SDRAM. Setting this bit to 1 inserts one wait cycle after
the write command is issued.
0: No wait cycle inserted
1: One wait cycle inserted
6.2.16
Refresh Control Register (REFCR)
REFCR specifies the refresh type for the DRAM/SDRAM interface.
Bit
Bit Name
Initial Value
R/W
15
CMF
0
R/(W)*
14
CMIE
0
R/W
13
RCW1
0
R/W
12
RCW0
0
R/W
11
0
R
10
RTCK2
0
R/W
9
RTCK1
0
R/W
8
RTCK0
0
R/W
Bit
Bit Name
Initial Value
R/W
Note: * Only 0 can be written to this bit, to clear the flag.
7
RFSHE
0
R/W
6
RLW2
0
R/W
5
RLW1
0
R/W
4
RLW0
0
R/W
3
SLFRF
0
R/W
2
TPCS2
0
R/W
1
TPCS1
0
R/W
0
TPCS0
0
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com