Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX1663 Datasheet(PDF) 222 Page - Renesas Technology Corp

Part # H8SX1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX1663 Datasheet(HTML) 222 Page - Renesas Technology Corp

Back Button H8SX1663 Datasheet HTML 218Page - Renesas Technology Corp H8SX1663 Datasheet HTML 219Page - Renesas Technology Corp H8SX1663 Datasheet HTML 220Page - Renesas Technology Corp H8SX1663 Datasheet HTML 221Page - Renesas Technology Corp H8SX1663 Datasheet HTML 222Page - Renesas Technology Corp H8SX1663 Datasheet HTML 223Page - Renesas Technology Corp H8SX1663 Datasheet HTML 224Page - Renesas Technology Corp H8SX1663 Datasheet HTML 225Page - Renesas Technology Corp H8SX1663 Datasheet HTML 226Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 222 / 1158 page
background image
Section 6 Bus Controller (BSC)
Rev.1.00 Jun. 07, 2006 Page 170 of 1102
REJ09B0294-0100
For example, in an external address space access where the frequency rate of I
φ and Bφ is n : 1,
the operation is performed in synchronization with B
φ. In this case, external 2-state access space is
2n cycles and external 3-state access space is 3n cycles (no wait cycles is inserted) if the number
of access cycles is counted based on I
φ.
If the frequencies of I
φ, Pφ and Bφ are different, the start of bus cycle may not synchronize with
P
φ or Bφ according to the bus cycle initiation timing. In this case, clock synchronization cycle
(Tsy) is inserted at the beginning of each bus cycle.
For example, if an external address space access occurs when the frequency rate of I
φ and Bφ is
n : 1, 0 to n-1 cycles of Tsy may be inserted. If an internal peripheral module access occurs when
the frequency rate of I
φ and Pφ is m : 1, 0 to m-1 cycles of Tsy may be inserted.
Figure 6.6 shows the external 2-state access timing when the frequency rate of I
φ and Bφ is 4 : 1.
Figure 6.7 shows the external 3-state access timing when the frequency rate of I
φ and Bφ is 2 : 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com