Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX1663 Datasheet(PDF) 230 Page - Renesas Technology Corp

Part # H8SX1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX1663 Datasheet(HTML) 230 Page - Renesas Technology Corp

Back Button H8SX1663 Datasheet HTML 226Page - Renesas Technology Corp H8SX1663 Datasheet HTML 227Page - Renesas Technology Corp H8SX1663 Datasheet HTML 228Page - Renesas Technology Corp H8SX1663 Datasheet HTML 229Page - Renesas Technology Corp H8SX1663 Datasheet HTML 230Page - Renesas Technology Corp H8SX1663 Datasheet HTML 231Page - Renesas Technology Corp H8SX1663 Datasheet HTML 232Page - Renesas Technology Corp H8SX1663 Datasheet HTML 233Page - Renesas Technology Corp H8SX1663 Datasheet HTML 234Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 230 / 1158 page
background image
Section 6 Bus Controller (BSC)
Rev.1.00 Jun. 07, 2006 Page 178 of 1102
REJ09B0294-0100
6.5.3
Chip Select Signals
This LSI can output chip select signals (
CS0 to CS7) for areas 0 to 7. The signal outputs low when
the corresponding external address space area is accessed. Figure 6.9 shows an example of
CSn (n
= 0 to 7) signal output timing.
Enabling or disabling of
CSn signal output is set by the port function control register (PFCR). For
details, see section 9.3, Port Function Controller.
In on-chip ROM disabled extended mode, pin
CS0 is placed in the output state after a reset. Pins
CS1 to CS7 are placed in the input state after a reset and so the corresponding PFCR bits should
be set to 1 when outputting signals
CS1 to CS7.
In on-chip ROM enabled extended mode, pins
CS0 to CS7 are all placed in the input state after a
reset and so the corresponding PFCR bits should be set to 1 when outputting signals
CS0 to CS7.
The PFCR can specify multiple
CS outputs for a pin. If multiple CSn outputs are specified for a
single pin by the PFCR,
CS to be output are generated by mixing all the CS signals. In this case,
the settings for the external bus interface areas in which the
CSn signals are output to a single pin
should be the same.
Figure 6.10 shows the signal output timing when the
CS signals to be output to areas 5 and 6 are
output to the same pin.
Bus cycle
T
1
T
2
T
3
External address of area n
Address bus
B
φ
CSn
Figure 6.9
CSn Signal Output Timing (n = 0 to 7)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com