Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX1663 Datasheet(PDF) 269 Page - Renesas Technology Corp

Part # H8SX1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX1663 Datasheet(HTML) 269 Page - Renesas Technology Corp

Back Button H8SX1663 Datasheet HTML 265Page - Renesas Technology Corp H8SX1663 Datasheet HTML 266Page - Renesas Technology Corp H8SX1663 Datasheet HTML 267Page - Renesas Technology Corp H8SX1663 Datasheet HTML 268Page - Renesas Technology Corp H8SX1663 Datasheet HTML 269Page - Renesas Technology Corp H8SX1663 Datasheet HTML 270Page - Renesas Technology Corp H8SX1663 Datasheet HTML 271Page - Renesas Technology Corp H8SX1663 Datasheet HTML 272Page - Renesas Technology Corp H8SX1663 Datasheet HTML 273Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 269 / 1158 page
background image
Section 6 Bus Controller (BSC)
Rev.1.00 Jun. 07, 2006 Page 217 of 1102
REJ09B0294-0100
6.8.5
Wait Control
As with the basic bus interface, either program wait insertion or pin wait insertion by the
WAIT
pin can be used in the initial cycle (full access) on the burst ROM interface. See section 6.6.4,
Wait Control. Wait cycles cannot be inserted in a burst cycle.
6.8.6
Read Strobe (
RD) Timing
When the burst ROM space is read by the CPU, the RDNCR setting for the corresponding space is
invalid.
The read strobe negation timing is the same timing as when RDNn = 0 in the basic bus interface.
6.8.7
Extension of Chip Select (
CS) Assertion Period
In the burst ROM interface, the extension cycles can be inserted in the same way as the basic bus
interface.
For the burst ROM space, the burst access can be enabled only in read access by the CPU. In this
case, the setting of the corresponding CSXTn bit in CSACR is ignored and an extension cycle can
be inserted only before the full access cycle. Note that no extension cycle can be inserted before or
after the burst access cycles.
In accesses other than read accesses by the CPU, the burst ROM space is equivalent to the basic
bus interface space. Accordingly, extension cycles can be inserted before and after the burst access
cycles.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com