Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX1663 Datasheet(PDF) 280 Page - Renesas Technology Corp

Part # H8SX1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX1663 Datasheet(HTML) 280 Page - Renesas Technology Corp

Back Button H8SX1663 Datasheet HTML 276Page - Renesas Technology Corp H8SX1663 Datasheet HTML 277Page - Renesas Technology Corp H8SX1663 Datasheet HTML 278Page - Renesas Technology Corp H8SX1663 Datasheet HTML 279Page - Renesas Technology Corp H8SX1663 Datasheet HTML 280Page - Renesas Technology Corp H8SX1663 Datasheet HTML 281Page - Renesas Technology Corp H8SX1663 Datasheet HTML 282Page - Renesas Technology Corp H8SX1663 Datasheet HTML 283Page - Renesas Technology Corp H8SX1663 Datasheet HTML 284Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 280 / 1158 page
background image
Section 6 Bus Controller (BSC)
Rev.1.00 Jun. 07, 2006 Page 228 of 1102
REJ09B0294-0100
6.10
DRAM Interface
In this LSI, area 2 in the external space can be used as the DRAM interface space. Up to 8 Mbytes
of DRAM is directly connected via the DRAM interface.
6.10.1
Setting DRAM Space
Area 2 can be specified as the DRAM space by the DRAME and DTYPE bits in DRAMCR.
Table 6.20 lists the relationship among the DRAME and DTYPE bits and area 2 interfaces.
The bus settings of the DRAM space such as bus width and wait cycle number depend on area 2
settings.
Table 6.20
Relationship Among DRAME and DTYPE and Area 2 Interfaces
DRAME
DTYPE
Area 2 Interface
0
×
Basic bus space (initial state)/byte-control SRAM space
1
0
DRAM space
1
1
SDRAM space
[Legend]
×: Don't care
6.10.2
Address Multiplexing
A Row address and a column address are multiplexed in the DRAM space. Select the number of
row address bits to be shifted with bits MXC1 and MXC0 in DRAMCR. Table 6.21 lists the
relationship among bits MXC1 and MXC0 and shifted bit number.
Table 6.21
Relationship Among MXC1 and MXC0 and Shifted Bit Count
DRAMCR
MXC1
1
1
0
0
0
1
1
0
8 bits
9 bits
10 bits
11 bits
8/16 bits
8/16 bits
8/16 bits
8/16 bits
MXC0
A27 to A18
A17 A16 A15 A14 A13 A12 A11 A10
A9
A8
A7
A6
A5
A4
A3
A2
A1
A0
A23 to A18
A17
-
A23 A22 A21 A20 A19 A18 A17 A16 A15 A14 A13 A12 A11 A10
A9
A8
A23 to A18
A17 A16 A15 A14 A13 A12 A11 A10
A9
A8
A7
A6
A5
A4
A3
A2
A1
A0
A23 to A18
A17
--
A23 A22 A21 A20 A19 A18 A17 A16 A15 A14 A13 A12 A11 A10
A9
A23 to A18
A17 A16 A15 A14 A13 A12 A11 A10
A9
A8
A7
A6
A5
A4
A3
A2
A1
A0
A23 to A18
A17
---
A23 A22 A21 A20 A19 A18 A17 A16 A15 A14 A13 A12 A11 A10
A23 to A18
A17 A16 A15 A14 A13 A12 A11 A10
A9
A8
A7
A6
A5
A4
A3
A2
A1
A0
A23 to A18
A17
----
A23 A22 A21 A20 A19 A18 A17 A16 A15 A14 A13 A12 A11
A23 to A18
A17 A16 A15 A14 A13 A12 A11 A10
A9
A8
A7
A6
A5
A4
A3
A2
A1
A0
Row address
Column address
Row address
Column address
Row address
Column address
Row address
Column address
Shit Bit
Count
Data Bus
Width
Address
External Address Pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com