Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX1663 Datasheet(PDF) 322 Page - Renesas Technology Corp

Part # H8SX1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX1663 Datasheet(HTML) 322 Page - Renesas Technology Corp

Back Button H8SX1663 Datasheet HTML 318Page - Renesas Technology Corp H8SX1663 Datasheet HTML 319Page - Renesas Technology Corp H8SX1663 Datasheet HTML 320Page - Renesas Technology Corp H8SX1663 Datasheet HTML 321Page - Renesas Technology Corp H8SX1663 Datasheet HTML 322Page - Renesas Technology Corp H8SX1663 Datasheet HTML 323Page - Renesas Technology Corp H8SX1663 Datasheet HTML 324Page - Renesas Technology Corp H8SX1663 Datasheet HTML 325Page - Renesas Technology Corp H8SX1663 Datasheet HTML 326Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 322 / 1158 page
background image
Section 6 Bus Controller (BSC)
Rev.1.00 Jun. 07, 2006 Page 270 of 1102
REJ09B0294-0100
(1) Fast-Page Mode Operation Timing
When access cycles to the SDRAM space are continued and the row addresses of the consecutive
two cycles are the same, a column address output cycle follows. The row address bits to be
compared are decided by bits MXC1 and MXC0 in DRAMCR.
A fast-page mode access is performed when the access data size exceeds the bus width of the
SDRAM and when consecutive accesses to the SDRAM are generated.
Figures 6.72 and 6.73 show longword access timing of the 16-bit bus SDRAM and word access
timing of the 8-bit bus SDRAM, respectively.
T
p
T
r
T
c1
T
c2
T
c1
T
c2
CS
Precharge-sel
RAS
CAS
WE
CKE
PALL
ACTV
WRIT
NOP
NOP
DQMLU
DQMLL
BS
RD/
WR
WRIT
Address bus
Row address
Column address 1
Column address 2
SD
φ
D7 to D0
D15 to D8
Row
address
High
Figure 6.72 Longword Write Timing in 16-Bit Access Space (BE = 1, RCDM = 0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com