Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISO35DWR Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # ISO35DWR
Description  ISOLATED 3.3-V FULL AND HALF-DUPLEX RS-485 TRANSCEIVERS
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISO35DWR Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button ISO35DWR Datasheet HTML 6Page - Renesas Technology Corp ISO35DWR Datasheet HTML 7Page - Renesas Technology Corp ISO35DWR Datasheet HTML 8Page - Renesas Technology Corp ISO35DWR Datasheet HTML 9Page - Renesas Technology Corp ISO35DWR Datasheet HTML 10Page - Renesas Technology Corp ISO35DWR Datasheet HTML 11Page - Renesas Technology Corp ISO35DWR Datasheet HTML 12Page - Renesas Technology Corp ISO35DWR Datasheet HTML 13Page - Renesas Technology Corp ISO35DWR Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
IEC 60664-1 RATINGS TABLE
IEC 60747-5-2 INSULATION CHARACTERISTICS
(1)
REGULATORY INFORMATION
ISO15
ISO35
SLOS580B – MAY 2008 – REVISED JULY 2008................................................................................................................................................................ www.ti.com
PARAMETER
TEST CONDITIONS
SPECIFICATION
Basic isolation group
Material group
IIIa
Rated mains voltage
≤ 150 VRMS
I-IV
Installation classification
Rated mains voltage
≤ 300 VRMS
I-III
Rated mains voltage
≤ 400 VRMS
I-II
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
SPECIFICATION
UNIT
Maximum working insulation
VIORM
560
V
voltage
Method b1, VPR = VIORM × 1.875,
VPR
Input to output test voltage
1050
V
100% Production test with t = 1 s, Partial discharge < 5 pC
VIOTM
Transient overvoltage
t = 60 s
4000
V
RS
Insulation resistance
VIO = 500 V at TS
>109
Ω
Pollution degree
2
(1)
Climatic Clasification 40/125/21
VDE
UL
Certified according to IEC 60747-5-2
Recognized under 1577 Component Recognition Program(1)
File Number: 40016131
File Number: E181974
(1)
Production tested
≥3000 VRMS for 1 second in accordance with UL 1577.
10
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): ISO15 ISO35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com