Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISO35DWR Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # ISO35DWR
Description  ISOLATED 3.3-V FULL AND HALF-DUPLEX RS-485 TRANSCEIVERS
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISO35DWR Datasheet(HTML) 3 Page - Renesas Technology Corp

  ISO35DWR Datasheet HTML 1Page - Renesas Technology Corp ISO35DWR Datasheet HTML 2Page - Renesas Technology Corp ISO35DWR Datasheet HTML 3Page - Renesas Technology Corp ISO35DWR Datasheet HTML 4Page - Renesas Technology Corp ISO35DWR Datasheet HTML 5Page - Renesas Technology Corp ISO35DWR Datasheet HTML 6Page - Renesas Technology Corp ISO35DWR Datasheet HTML 7Page - Renesas Technology Corp ISO35DWR Datasheet HTML 8Page - Renesas Technology Corp ISO35DWR Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
DRIVER ELECTRICAL CHARACTERISTICS
DRIVER SWITCHING CHARACTERISTICS
ISO15
ISO35
www.ti.com................................................................................................................................................................ SLOS580B – MAY 2008 – REVISED JULY 2008
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IO = 0 mA, no load
2.5
VCC
RL = 54 Ω, See Figure 1
1.5
2
| VOD |
Differential output voltage magnitude
V
RL = 100 Ω (RS-422), See Figure 1
2
2.3
Vtest from –7 V to +12 V, See Figure 2
1.5
Change in magnitude of the differential
Δ|VOD|
See Figure 1 and Figure 2
–0.2
0
0.2
V
output voltage
VOC(SS)
Steady-state common-mode output voltage
1
2.6
3
See Figure 3
V
Change in steady-state common-mode
ΔVOC(SS)
–0.1
0.1
output voltage
VOC(pp)
Peak-to-peak common-mode output voltage See Figure 3
0.5
V
II
Input current
D, DE, VI at 0 V or VCC1
–10
10
µA
ISO15
See receiver input current
VY or VZ = 12 V
90
Other
IOZ
High-impedance state output current
VY or VZ = 12 V, VCC = 0
–10
input
IDO35
µA
VY or VZ = –7 V
90
at 0 V
VY or VZ = –7 V, VCC = 0
–10
VA or VB at –7 V
Other
input
Short-circuit output current
–250
250
mA
VA or VB at 12 V
IOS
at 0 V
C(OD)
Differential output capacitance
VI = 0.4 sin (4E6πt) + 0.5 V, DE at 0 V
16
pF
CMTI
Common-mode transient immunity
VI = VCC or 0 V, See Figure 12 and Figure 13
25
50
kV/
µs
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPLH, tPHL
Propagation delay
340
tsk(p)
Pulse skew (|tPHL – tPLH|)
See Figure 4
6
ns
tr
Differential output signal rise time
120
185
300
tf
Differential output signal fall time
120
180
300
ns
See Figure 5
tPHZ
Propagation delay, high-level-to-high-impedance output
205
µs
tPZH
Propagation delay, high-impedance-to-high-level output
530
tPLZ
Propagation delay, low-level to high-impedance output
See Figure 6
330
µs
tPZL
Propagation delay, standby-to-low-level output
530
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): ISO15 ISO35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com