Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISO35DWR Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # ISO35DWR
Description  ISOLATED 3.3-V FULL AND HALF-DUPLEX RS-485 TRANSCEIVERS
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISO35DWR Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button ISO35DWR Datasheet HTML 7Page - Renesas Technology Corp ISO35DWR Datasheet HTML 8Page - Renesas Technology Corp ISO35DWR Datasheet HTML 9Page - Renesas Technology Corp ISO35DWR Datasheet HTML 10Page - Renesas Technology Corp ISO35DWR Datasheet HTML 11Page - Renesas Technology Corp ISO35DWR Datasheet HTML 12Page - Renesas Technology Corp ISO35DWR Datasheet HTML 13Page - Renesas Technology Corp ISO35DWR Datasheet HTML 14Page - Renesas Technology Corp ISO35DWR Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
IEC SAFETY LIMITING VALUES
THERMAL CHARACTERISTICS
0
25
50
75
100
125
150
175
200
225
250
275
300
0
50
100
150
200
T -CaseTemperature-°C
C
V
at3.6V
CC1,2
ISO15
ISO35
www.ti.com................................................................................................................................................................ SLOS580B – MAY 2008 – REVISED JULY 2008
Safety limiting intends to prevent potential damage to the isolation barrier upon failure of input or output circuitry.
A failure of the IO can allow low resistance to ground or the supply and, without current limiting, dissipate
sufficient power to overheat the die and damage the isolation barrier potentially leading to secondary system
failures.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
θ
JA = 212°C/W, VI = 5.5 V,
IS
Safety input, output, or supply current
DW-16
210
mA
TJ = 170°C, TA = 25°C
TS
Maximum case temperature
DW-16
150
°C
The safety-limiting constraint is the absolute maximum junction temperature specified in the absolute maximum
ratings table. The power dissipation and junction-to-air thermal impedance of the device installed in the
application hardware determines the junction temperature. The assumed junction-to-air thermal resistance in the
Thermal Characteristics table is that of a device installed in the JESD51-3, Low Effective Thermal Conductivity
Test Board for Leaded Surface Mount Packages and is conservative. The power is the recommended maximum
input voltage times the current. The junction temperature is then the ambient temperature plus the power times
the junction-to-air thermal resistance.
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Low-K Thermal Resistance(1)
168
θ
JA
Junction-to-Air
°C/W
High-K Thermal Resistance
96.1
θ
JB
Junction-to-Board Thermal Resistance
61
°C/W
θ
JC
Junction-to-Case Thermal Resistance
48
°C/W
VCC1 = VCC2 = 5.25 V, TJ = 150°C, CL = 15 pF,
PD
Device Power Dissipation
220
mW
Input a 20 MHz 50% duty cycle square wave
(1)
Tested in accordance with the Low-K or High-K thermal metric defintions of EIA/JESD51-3 for leaded surface mount packages.
Figure 14. DW-16
θ
JC Thermal Derating Curve per IEC 60747-5-2
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): ISO15 ISO35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com