Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C20 Datasheet(PDF) 39 Page - Renesas Technology Corp

Part # R8C20
Description  RENESAS MCU R8C FAMILY / R8C/2x SERIES
PDF  501 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C20 Datasheet(HTML) 39 Page - Renesas Technology Corp

Back Button R8C20 Datasheet HTML 35Page - Renesas Technology Corp R8C20 Datasheet HTML 36Page - Renesas Technology Corp R8C20 Datasheet HTML 37Page - Renesas Technology Corp R8C20 Datasheet HTML 38Page - Renesas Technology Corp R8C20 Datasheet HTML 39Page - Renesas Technology Corp R8C20 Datasheet HTML 40Page - Renesas Technology Corp R8C20 Datasheet HTML 41Page - Renesas Technology Corp R8C20 Datasheet HTML 42Page - Renesas Technology Corp R8C20 Datasheet HTML 43Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 501 page
background image
R8C/20 Group, R8C/21 Group
5. Resets
Rev.2.00 Aug 27, 2008
Page 23 of 458
REJ09B0250-0200
Figure 5.3
Reset Sequence
Figure 5.4
OFS Register
Start time of flash memory
(CPU clock
× 14 cycles)
0FFFCh
0FFFEh
0FFFDh
Content of reset vector
CPU clock
Address
(internal address
signal)
NOTES:
1. Hardware reset.
2. When the “L” input width to the RESET pin is set to fOCO-S clock
× 32 cycles or more, setting the RESET pin to “H” also sets the internal
reset signal to “H” at the same.
CPU clock
× 28 cycles
fOCO-S clock
× 32 cycles(2)
fOCO-S
Internal reset
signal
RESET pin
10 cycles or more are needed(1)
Option Function Select Register
(1)
Symbol
Address
Before Shipment
OFS
0FFFFh
FFh(3)
Bit Symbol
Bit Name
Function
RW
Reserved bit
NOTES:
1.
2.
3.
b7 b6 b5 b4 b3 b2 b1 b0
11
1
—
(b1)
Set to 1
RW
WDTON
Watchdog timer start
select bit
0 : Starts w atchdog timer automatically after reset
1 : Watchdog timer is inactive after reset
RW
ROMCR
ROM code protect
disabled bit
0 : ROM code protect disabled
1 : ROMCP1 enabled
RW
ROMCP1
ROM code protect bit
0 : ROM code protect enabled
1 : ROM code protect disabled
RW
RW
—
(b5-b4)
Reserved bits
Set to 1
RW
If the block including the OFS register is erased, FFh is set to the OFS register.
To use the pow er-on reset, set the LVD1ON bit to 0 (voltage monitor 1 reset enabled after reset).
LVD1ON
Voltage detection circuit
start bit(2)
0 : Voltage monitor 1 reset enabled after reset
1 : Voltage monitor 1 reset disabled after reset
RW
The OFS register is on the flash memory. Write to the OFS register w ith a program. After w riting is completed, do not
w rite additions to the OFS register.
CSPROINI
Count source protect
mode after reset select
bit
0 : Count source protect mode enabled after reset
1 : Count source protect mode disabled after reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com