Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C20 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # R8C20
Description  RENESAS MCU R8C FAMILY / R8C/2x SERIES
PDF  501 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C20 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button R8C20 Datasheet HTML 17Page - Renesas Technology Corp R8C20 Datasheet HTML 18Page - Renesas Technology Corp R8C20 Datasheet HTML 19Page - Renesas Technology Corp R8C20 Datasheet HTML 20Page - Renesas Technology Corp R8C20 Datasheet HTML 21Page - Renesas Technology Corp R8C20 Datasheet HTML 22Page - Renesas Technology Corp R8C20 Datasheet HTML 23Page - Renesas Technology Corp R8C20 Datasheet HTML 24Page - Renesas Technology Corp R8C20 Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 501 page
background image
R8C/20 Group, R8C/21 Group
1. Overview
Rev.2.00 Aug 27, 2008
Page 5 of 458
REJ09B0250-0200
1.4
Product Information
Table 1.3 lists Product Information for R8C/20 Group and Table 1.4 lists Product Information for R8C/21 Group.
NOTE:
1. Do not use addresses 20000h to 23FFFh because these areas are used for the emulator debugger.
Refer to 23. Notes on Emulator Debugger.
Figure 1.2
Type Number, Memory Size, and Package of R8C/20 Group
Table 1.3
Product Information for R8C/20 Group
Current of Aug. 2008
Type No.
ROM Capacity
RAM Capacity
Package Type
Remarks
R5F21206JFP
32 Kbytes
2 Kbytes
PLQP0048KB-A
J version
Flash memory
version
R5F21207JFP
48 Kbytes
2.5 Kbytes
PLQP0048KB-A
R5F21208JFP
64 Kbytes
3 Kbytes
PLQP0048KB-A
R5F2120AJFP
96 Kbytes
5 Kbytes
PLQP0048KB-A
R5F2120CJFP
128 Kbytes(1)
6 Kbytes
PLQP0048KB-A
R5F21206KFP
32 Kbytes
2 Kbytes
PLQP0048KB-A
K version
R5F21207KFP
48 Kbytes
2.5 Kbytes
PLQP0048KB-A
R5F21208KFP
64 Kbytes
3 Kbytes
PLQP0048KB-A
R5F2120AKFP
96 Kbytes
5 Kbytes
PLQP0048KB-A
R5F2120CKFP
128 Kbytes(1)
6 Kbytes
PLQP0048KB-A
Part number
R 5 F 21 20 6 J XXX FP
Package type:
FP: PLQP0048KB-A
(0.5 mm pin-pitch, 7 mm square body)
ROM number
Classification
J: Operating ambient temperature -40°C to 85°C (J version)
K: Operating ambient temperature -40°C to 125°C (K version)
ROM capacity
6: 32 KB
7: 48 KB
8: 64 KB
A: 96 KB
C: 128 KB
R8C/20 Group
R8C/2x Series
Memory type
F: Flash memory version
Renesas MCU
Renesas semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com