Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C20 Datasheet(PDF) 49 Page - Renesas Technology Corp

Part # R8C20
Description  RENESAS MCU R8C FAMILY / R8C/2x SERIES
PDF  501 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C20 Datasheet(HTML) 49 Page - Renesas Technology Corp

Back Button R8C20 Datasheet HTML 45Page - Renesas Technology Corp R8C20 Datasheet HTML 46Page - Renesas Technology Corp R8C20 Datasheet HTML 47Page - Renesas Technology Corp R8C20 Datasheet HTML 48Page - Renesas Technology Corp R8C20 Datasheet HTML 49Page - Renesas Technology Corp R8C20 Datasheet HTML 50Page - Renesas Technology Corp R8C20 Datasheet HTML 51Page - Renesas Technology Corp R8C20 Datasheet HTML 52Page - Renesas Technology Corp R8C20 Datasheet HTML 53Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 501 page
background image
R8C/20 Group, R8C/21 Group
6. Voltage Detection Circuit
Rev.2.00 Aug 27, 2008
Page 33 of 458
REJ09B0250-0200
Figure 6.6
VW2C Register
Voltage Monitor 2 Circuit Control Register
(1)
Symbol
Address
After Reset(8)
VW2C
0037h
00h
Bit Symbol
Bit Name
Function
RW
NOTES:
1.
2.
3.
4.
5.
6.
7.
8.
9.
b3 b2
0 : Not detected
1 : Vdet2 pass detected
RW
b1 b0
b7 b6 b5 b4
VW2C0
RW
Voltage monitor 2 interrupt/reset
enable bit(6)
0 : Disable
1 : Enable
0 : Digital filter enabled mode
(digital filter circuit enabled)
1 : Digital filter disabled mode
(digital filter circuit disabled)
RW
VW2C2
Voltage change detection
flag(3,4,8)
VW2C1
Voltage monitor 2 digital filter
disabled mode select bit(2)
VW2C3
WDT detection flag(4,8)
VW2F1
RW
Sampling clock select bits
b5 b4
0 0 : fOCO-S divide-by-1
0 1 : fOCO-S divide-by-2
1 0 : fOCO-S divide-by-4
1 1 : fOCO-S divide-by-8
VW2F0
RW
0 : Not detected
1 : Detected
RW
VW2C6
Voltage monitor 2 circuit mode
select bit(5)
0 : Voltage monitor 2 interrupt mode
1 : Voltage monitor 2 reset mode
RW
VW2C7
Voltage monitor 2 interrupt/reset
generation condition select
bit(7,9)
0 : When VCC reaches Vdet2 or above
1 : When VCC reaches Vdet2 or below
RW
When the VW2C6 bit is set to 1 (voltage monitor 2 reset mode), set the VW2C7 bit to 1 (w hen VCC reaches to Vdet2
or below ) (do not set to 0).
Set the PRC3 bit in the PRCR register to 1 (enables w riting) before w riting to the VW2C register. When w riting the
VW2C register, the VW2C2 bit may be set to 1. Set the VW2C2 bit to 0 after w riting the VW2C register.
When the voltage monitor 2 interrupt is used to exit stop mode and to return again, w rite 0 to the VW2C1 bit before
w riting 1.
This bit is enabled w hen the VCA27 bit in the VCA2 register is set to 1 (voltage detection 2 circuit enabled).
Set this bit to 0 by a program. When w riting 0 by a program, it is set to 0 (it remains unchanged even if it is set to 1).
This bit is enabled w hen the VW2C0 bit is set to 1 (voltage monitor 2 interrupt/enables reset).
The VW2C0 bit is enabled w hen the VCA27 bit in the VCA2 register is set to 1 (voltage detection 2 circuit enabled).
Set the VW2C0 bit to 0 (disable) w hen the VCA27 bit is set to 0 (voltage detection 2 circuit disabled).
The VW2C7 bit is enabled w hen the VW2C1 bit is set to 1 (digital filter disabled mode).
The VW2C2 and VW2C3 bits remain unchanged in the softw are reset, w atchdog timer reset and voltage monitor 2
reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com