Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7059 Datasheet(PDF) 39 Page - Renesas Technology Corp

Part # SH7059
Description  32-Bit RISC Microcomputer
PDF  1042 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7059 Datasheet(HTML) 39 Page - Renesas Technology Corp

Back Button SH7059 Datasheet HTML 35Page - Renesas Technology Corp SH7059 Datasheet HTML 36Page - Renesas Technology Corp SH7059 Datasheet HTML 37Page - Renesas Technology Corp SH7059 Datasheet HTML 38Page - Renesas Technology Corp SH7059 Datasheet HTML 39Page - Renesas Technology Corp SH7059 Datasheet HTML 40Page - Renesas Technology Corp SH7059 Datasheet HTML 41Page - Renesas Technology Corp SH7059 Datasheet HTML 42Page - Renesas Technology Corp SH7059 Datasheet HTML 43Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 1042 page
background image
Differences between SH7058 and SH7058S/SH7059
Rev.3.00 Mar. 12, 2008 Page xxxix of xc
REJ09B0177-0300
SH7058 (Rev.3, REJ09B0046-0300H)
SH7058S/SH7059
22.3 Port B
Figure 22.2 Port B
806
PB15 (I/O) / PULS5 (output) / SCK2 (I/O)
PB13 (I/O) / SCK0 (I/O)
23.3 Port B
Figure 23.2 Port B
Figure amended
PB15 (I/O) / PULS5 (output) / SCK2 (I/O) / SSCK1 (output)
PB13 (I/O) / SCK0 (I/O) / SSCK0 (output)
22.3.1 Register Configuration
Table 22.3 Register Configuration
806
Note: Register access with an internal clock multiplication
ratio of 4 requires four or five internal clock (
φ) cycles.
23.3.1 Register Configuration
Table 23.3 Register Configuration
Note deleted
22.3.2 Port B Data Register (PBDR)
807
Bits PB15DR to PB0DR correspond to pins
PB15/PULS5/SCK2 to PB0/TO6A.
…PBDR is initialized to H'0000 by a power-on reset
(excluding a WDT power-on reset), and in hardware
standby mode. It is not initialized in software standby mode
or sleep mode.
23.3.2 Port B Data Register (PBDR)
Description amended
Bits PB15DR to PB0DR correspond to pins
PB15/PULS5/SCK2/SSCK1 to PB0/TO6A.
…PBDR is initialized to H'0000 by a power-on reset
(excluding a WDT power-on reset), in hardware standby
mode, and in software standby mode. It is not initialized in
sleep mode.
22.3.3 Port B Port Register (PBPR)
808
Bits PB15PR to PB0PR correspond to pins
PB15/PULS5/SCK2 to PB0/TO6A.
23.3.3 Port B Port Register (PBPR)
Description amended
Bits PB15PR to PB0PR correspond to pins
PB15/PULS5/SCK2/SSCK1 to PB0/TO6A.
22.4 Port C
Figure 22.3 Port C
808
PC3 (I/O) / RxD2 (input)
PC2 (I/O) / TxD2 (output)
23.4 Port C
Figure 23.3 Port C
Figure amended
PC3 (I/O) / RxD2 (input) / SSI1 (input)
PC2 (I/O) / TxD2 (output) / SSO1 (output)
22.4.1 Register Configuration
Table 22.5 Register Configuration
808
Note: Register access with an internal clock multiplication
ratio of 4 requires four or five internal clock (
φ) cycles.
23.4.1 Register Configuration
Table 23.5 Register Configuration
Note deleted
22.4.2 Port C Data Register (PCDR)
809
PCDR is initialized to H'0000 by a power-on reset
(excluding a WDT power-on reset), and in hardware
standby mode. It is not initialized in software standby mode
or sleep mode.
23.4.2 Port C Data Register (PCDR)
Description amended
PCDR is initialized to H'0000 by a power-on reset
(excluding a WDT power-on reset), in hardware standby
mode, and in software standby mode. It is not initialized in
sleep mode.
22.5.1 Register Configuration
Table 22.7 Register Configuration
810
Note: Register access with an internal clock multiplication
ratio of 4 requires four or five internal clock (
φ) cycles.
23.5.1 Register Configuration
Table 23.7 Register Configuration
Note deleted



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com