Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7059 Datasheet(PDF) 73 Page - Renesas Technology Corp

Part # SH7059
Description  32-Bit RISC Microcomputer
PDF  1042 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7059 Datasheet(HTML) 73 Page - Renesas Technology Corp

Back Button SH7059 Datasheet HTML 69Page - Renesas Technology Corp SH7059 Datasheet HTML 70Page - Renesas Technology Corp SH7059 Datasheet HTML 71Page - Renesas Technology Corp SH7059 Datasheet HTML 72Page - Renesas Technology Corp SH7059 Datasheet HTML 73Page - Renesas Technology Corp SH7059 Datasheet HTML 74Page - Renesas Technology Corp SH7059 Datasheet HTML 75Page - Renesas Technology Corp SH7059 Datasheet HTML 76Page - Renesas Technology Corp SH7059 Datasheet HTML 77Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 1042 page
background image
Differences between SH7058 and SH7058S/SH7059
Rev.3.00 Mar. 12, 2008 Page lxxiii of xc
REJ09B0177-0300
SH7058 (Rev.3, REJ09B0046-0300H)
SH7058S/SH7059
Appendix B Pin States
Table B.2 Pin States
1081
Type
Pin
Name
Software
Standby
TMS
I
TRST
I
TDI
I
TDO
O/Z
H-UDI
TCK
I
Appendix B Pin States
Table B.2 Pin States
Table amended
Type
Pin Name
Software
Standby
TMS
Z
TRST
Z
TDI
Z
H-UDI
TDO
Z
TCK
Z
Table B.3 Pin States
1081
Type
Pin Name
Hardware Standby
AUD Module Standby
AUD Reset
(
AUDRST = L)
Software Standby
AUDSRST = 1/
Normal Operation
AUDRST
Z
L input
H input
AUDMD
Z
I
I
AUDATA0 to
AUDATA3
Z
When AUDMD = H: I
When AUDMD = L: H
(pulled up internally)
When AUDMD = H: I/O
When AUDMD = L: O
AUDCK
Z
When AUDMD = H: I
When AUDMD = L: H
(pulled up internally)
When AUDMD = H: I
When AUDMD = L: O
AUD
AUDSYNC
Z
When AUDMD = H: I
When AUDMD = L: H
(pulled up internally)
When AUDMD = H: I
When AUDMD = L: O
Notes: 1. When the port impedance bit (HIZ) in the standby
control register (SBYCR) is set to 1, output pins become
high-impedance.
Table B.3 Pin States
Table amended
Type
Pin Name
Hardware Standby
Software Standby
AUD Module Standby
AUD Reset
(
AUDRST = L)
AUDSRST = 1/
Normal Operation
AUDRST
Z
L input
H input
AUDMD
Z
I
I
AUDATA0 to
AUDATA3
Z
When AUDMD = H: I
When AUDMD = L: H (pulled
up internally)
When AUDMD = H: I/O
When AUDMD = L: O
AUD
AUDCK
Z
When AUDMD = H: I
When AUDMD = L: H (pulled
up internally)
When AUDMD = H: I
When AUDMD = L: O
AUDSYNC
Z
When AUDMD = H: I
When AUDMD = L: H (pulled
up internally)
When AUDMD = H: I
When AUDMD = L: O
Note 1. deleted
Appendix C. Product Lineup
Table C.1 SH7059 F-ZTAT Product Lineup
Newly added
Table C.2 SH7058 F-ZTAT Product Lineup
1083
Product Type
Model Name
Mark Model
Name
Package
Operating
Temperature
(Except for W/E of
Flash Memory)
SH7058
F-ZTAT
HD64F7058BF80L
64F7058F80
256-pin (FP-256H) –40˚C to 105˚C
HD64F7058BF80K
64F7058F80
256-pin (FP-256H) –40˚C to 125˚C
HD64F7058BP80L
64F7058BP80 272-pin (BP-272)
–40˚C to 105˚C
HD64F7058BP80K
64F7058BP80 272-pin (BP-272)
–40˚C to 125˚C
Table C.2 SH7058S F-ZTAT Product Lineup
Table amended
Product Type
Model Name
Mark Model
Name
Package
Operating Temperature
(Except for W/E of
Flash Memory)
SH7058S
F-ZTAT
R4F70580SCL80FP
R4F70580SC
256-pin (FP-256H)
- 40
°C to 105°C
R4F70580SCK80FP
R4F70580SC
256-pin (FP-256H)
- 40
°C to 125°C
R4F70580SCL80BG
R4F70580SC
272-pin (BP-272)
- 40
°C to 105°C
R4F70580SCK80BG
R4F70580SC
272-pin (BP-272)
- 40
°C to 125°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com